Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64164A_0712 Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A_0712
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A_0712 Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M12L64164A_0712 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ESMT
M12L64164A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Dec. 2007
Revision: 1.2
5/45
DC CHARACTERISTICS
Recommended operating condition unless otherwise noted,TA = -40 to 85 C
°
VERSION
PARAMETER
SYMBOL
TEST CONDITION
-5
-6
-7
UNIT
NOTE
Operating Current
(One Bank Active)
ICC1
Burst Length = 1, t RC
≥ t RC(min), IOL = 0 mA,
tcc = tcc(min)
100
85
85
mA
1,2
ICC2P
CKE
VIL(max), tcc = tcc(min)
2
Precharge Standby Current
in power-down mode
ICC2PS
CKE & CLK
VIL(max), tcc =
1
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tcc = tcc(min)
Input signals are changed one time during 2CLK
20
Precharge Standby Current
in non power-down mode
ICC2NS
CKE
≥ VIH(min), CLK
VIL(max), tcc =
input signals are stable
10
mA
ICC3P
CKE
VIL(max), tcc = tcc(min)
10
Active Standby Current
in power-down mode
ICC3PS
CKE & CLK
VIL(max), tcc =
10
mA
ICC3N
CKE
VIH(min), CS VIH(min), tCC=15ns
Input signals are changed one time during 2clks
All other pins
VDD-0.2V or ≤ 0.2V
30
mA
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3NS
CKE
≥ VIH(min), CLK
VIL(max), tcc =
input signals are stable
25
mA
Operating Current
(Burst Mode)
ICC4
IOL = 0 mA, Page Burst, All Bank active
Burst Length = 4, CAS Latency = 3
180
150
140
mA
1,2
Refresh Current
ICC5
tRC
≥ tRC(min), tCC = tcc(min)
180
150
140
mA
Self Refresh Current
ICC6
CKE
0.2V
1
mA
Note :
1. Measured with outputs open.
2. Input signals are changed one time during 2 CLKS.


Similar Part No. - M12L64164A_0712

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64164A_0712

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com