Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64164A-5TIG Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A-5TIG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A-5TIG Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64164A-5TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TIG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
ESMT
M12L64164A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Dec. 2007
Revision: 1.2
11/45
DEVICE OPERATIONS
CLOCK (CLK)
The clock input is used as the reference for all SDRAM
operations. All operations are synchronized to the positive
going edge of the clock. The clock transitions must be
monotonic between VIL and VIH. During operation with CKE
high all inputs are assumed to be in valid state (low or high)
for the duration of setup and hold time around positive edge
of the clock for proper functionality and Icc specifications.
CLOCK ENABLE(CKE)
The clock enable (CKE) gates the clock onto SDRAM. If
CKE goes low synchronously with clock (set-up and hold
time same as other inputs), the internal clock suspended
from the next clock cycle and the state of output and burst
address is frozen as long as the CKE remains low. All other
inputs are ignored from the next clock cycle after CKE goes
low. When all banks are in the idle state and CKE goes low
synchronously with clock, the SDRAM enters the power
down mode from the next clock cycle. The SDRAM remains
in the power down mode ignoring the other inputs as long as
CKE remains low. The power down exit is synchronous as
the internal clock is suspended. When CKE goes high at
least “1CLK + tSS” before the high going edge of the clock,
then the SDRAM becomes active from the same clock edge
accepting all the input commands.
BANK ADDRESSES (A13~A12)
This SDRAM is organized as four independent banks of
1,048,576 words x 16 bits memory arrays. The A13~A12
inputs are latched at the time of assertion of RAS and
CAS to select the bank to be used for the operation. The
banks addressed A13~A12 are latched at bank active, read,
write, mode register set and precharge operations.
ADDRESS INPUTS (A0~A11)
The 20 address bits are required to decode the 1,048,576
word locations are multiplexed into 12 address input pins
(A0~A11). The 12 row addresses are latched along with
RAS and A13~A12 during bank active command. The 8 bit
column addresses are latched along with CAS , WE and
A13~A12 during read or with command.
NOP and DEVICE DESELECT
When RAS , CAS and WE are high, The SDRAM
performs no operation (NOP). NOP does not initiate any new
operation, but is needed to complete operations which
require more than single clock cycle like bank activate, burst
read, auto refresh, etc. The device deselect is also a NOP
and is entered by asserting CS high. CS high disables
the command decoder so that RAS , CAS , WE and all
the address inputs are ignored.
POWER-UP
1.Apply power and start clock, Attempt to maintain CKE
= “H”, DQM = “H” and the other pins are NOP
condition at the inputs.
2.Maintain stable power, stable clock and NOP input
condition for minimum of 200us.
3.Issue precharge commands for both banks of the
devices.
4.Issue 2 or more auto-refresh commands.
5.Issue a mode register set command to initialize the
mode register.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
MODE REGISTER SET (MRS)
The mode register stores the data for controlling the
various operating modes of SDRAM. It programs the
CAS latency, burst type, burst length, test mode and
various vendor specific options to make SDRAM useful
for variety of different applications. The default value of
the mode register is not defined, therefore the mode
register must be written after power up to operate the
SDRAM. The mode register is written by asserting low
on CS , RAS , CAS and WE (The SDRAM should
be in active mode with CKE already high prior to writing
the mode register). The state of address pins A0~A11
and A13~A12 in the same cycle as CS , RAS , CAS
and WE going low is the data written in the mode
register. Two clock cycles is required to complete the
write in the mode register. The mode register contents
can be changed using the same command and clock
cycle requirements during operation as long as all banks
are in the idle state. The mode register is divided into
various fields into depending on functionality. The burst
length field uses A0~A2, burst type uses A3, CAS
latency (read latency from column address) use A4~A6,
vendor specific options or test mode use A7~A8,
A10/AP~A11 and A13~A12. The write burst length is
programmed using A9. A7~A8, A10/AP~A11 and
A13~A12 must be set to low for normal SDRAM
operation. Refer to the table for specific codes for
various burst length, burst type and CAS latencies.


Similar Part No. - M12L64164A-5TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A-5TG ESMT-M12L64164A-5TG Datasheet
730Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5TG ESMT-M12L64164A-5TG Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5TG ESMT-M12L64164A-5TG Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5TG2M ESMT-M12L64164A-5TG2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-5TG2Y ESMT-M12L64164A-5TG2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
More results

Similar Description - M12L64164A-5TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com