Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64322A-5TG Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-5TG
Description  512K x 32 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-5TG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M12L64322A-5TG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ESMT
M12L64322A
Elite Semiconductor Memory Technology Inc.
Publication Date: Feb. 2008
Revision: 2.4
2/47
SDRAM
512K x 32 Bit x 4 Banks
Synchronous DRAM
FEATURES
JEDEC standard 3.3V power supply
LVTTL compatible with multiplexed address
Four banks operation
MRS cycle with address key programs
- CAS Latency ( 2 & 3 )
- Burst Length ( 1, 2, 4, 8 & full page )
- Burst Type ( Sequential & Interleave )
All inputs are sampled at the positive going edge of the
system clock
DQM for masking
Auto & self refresh
15.6μs refresh interval
ORDERING INFORMATION
Product No.
MAX FREQ. PACKAGE COMMENTS
M12L64322A-5TG
200MHz
TSOPII
Pb-free
M12L64322A-6TG
166MHz
TSOPII
Pb-free
M12L64322A-7TG
143MHz
TSOPII
Pb-free
M12L64322A-5BG
200MHz
90BGA
Pb-free
M12L64322A-6BG
166MHz
90BGA
Pb-free
M12L64322A-7BG
143MHz
90BGA
Pb-free
GENERAL DESCRIPTION
The M12L64322A is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 524,288 words by 32 bits.
Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system applications.
PIN ARRANGEMENT
Top View
1
2
3
4
5
6
7
8
9
VDD
DQ0
VDD Q
DQ1
DQ2
VSS Q
DQ3
DQ4
VDD Q
86
85
84
83
82
81
80
79
78
66
65
64
63
62
61
60
59
58
VSS
DQ15
VSS Q
DQ14
DQ13
VDD Q
DQ12
DQ11
VSS Q
10
11
12
13
14
15
16
17
18
19
20
DQ5
DQ6
VSS Q
DQ7
NC
VDD
DQ M 0
W E
CAS
RAS
C S
77
76
75
74
73
72
71
70
69
68
67
DQ10
DQ9
VDD Q
DQ8
NC
VSS
DQ M 1
NC
NC
CLK
CKE
NC
DQ31
VDD Q
DQ30
DQ29
VSS Q
DQ28
DQ27
VDD Q
DQ26
DQ25
VSS Q
DQ24
VSS
21
22
23
24
25
26
27
28
29
N C
BA0
BA1
A10/AP
A0
A1
A2
DQM 2
VDD
30
31
32
33
34
35
36
37
38
39
N C
DQ16
VSS Q
DQ17
DQ18
VDD Q
DQ19
DQ20
VSS Q
DQ21
DQ22
40
41
42
43
VDD Q
DQ23
VDD
A9
A8
A7
A6
A5
A4
A3
DQ M 3
VSS
57
56
55
54
53
52
51
50
49
48
47
46
45
44
86 Pin TSOP (II )
(400mi l x 875mi l )
(0 .5 mm Pin pitch)


Similar Part No. - M12L64322A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-5TG ESMT-M12L64322A-5TG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-5TG2U ESMT-M12L64322A-5TG2U Datasheet
811Kb / 46P
   512K x 32 Bit x 4 Banks
More results

Similar Description - M12L64322A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52D64322A ESMT-M52D64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com