Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64322A-7TG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-7TG
Description  512K x 32 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-7TG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M12L64322A-7TG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ESMT
M12L64322A
Elite Semiconductor Memory Technology Inc.
Publication Date: Feb. 2008
Revision: 2.4
3/47
PIN ARRANGEMENT
90 Ball FBGA
1
2
3
4
5
6
7
8
9
A
DQ26 DQ24 VSS
VDD DQ23 DQ21
B
DQ28 VDDQ VSSQ
VDDQ VSSQ DQ19
C
VSSQ DQ27 DQ25
DQ22 DQ20 VDDQ
D
VSSQ DQ29 DQ30
DQ17 DQ18 VDDQ
E
VDDQ DQ31
NC
NC
DQ16 VSSQ
F
VSS DQM3
A3
A2
DQM2 VDD
G
A4
A5
A6
A10
A0
A1
H
A7
A8
NC
NC
BA1
NC
J
CLK
CKE
A9
BA0
CS
RAS
K
DQM1
NC
NC
CAS
WE
DQM0
L
VDDQ DQ8
VSS
VDD
DQ7 VSSQ
M
VSSQ DQ10 DQ9
DQ6
DQ5 VDDQ
N
VSSQ DQ12 DQ14
DQ1
DQ3 VDDQ
P
DQ11 VDDQ VSSQ
VDDQ VSSQ DQ4
R
DQ13 DQ15 VSS
VDD
DQ0
DQ2


Similar Part No. - M12L64322A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-7TG ESMT-M12L64322A-7TG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-7TG2U ESMT-M12L64322A-7TG2U Datasheet
811Kb / 46P
   512K x 32 Bit x 4 Banks
More results

Similar Description - M12L64322A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52D64322A ESMT-M52D64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com