Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12S16161A-7TG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M12S16161A-7TG
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12S16161A-7TG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M12S16161A-7TG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12S16161A-7TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ESMT
M12S16161A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 1.2
1/28
VDD
DQ0
DQ1
VSSQ
DQ2
DQ3
VDDQ
DQ4
DQ5
VSSQ
DQ6
DQ7
VDDQ
LDQM
WE
CAS
RAS
CS
BA
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VSS
DQ15
DQ14
VSSQ
DQ13
DQ12
VDDQ
DQ11
DQ10
VSSQ
DQ9
DQ8
VDDQ
N.C/RFU
UDQM
CLK
CKE
N.C
A9
A8
A7
A6
A5
A4
VSS
50PIN TSOP(II)
(400mil x 825mil)
(0.8 mm PIN PITCH)
SDRAM
512K x 16Bit x 2Banks
Synchronous DRAM
FEATURES
JEDEC standard 2.5V power supply
LVTTL compatible with multiplexed address
Dual banks operation
MRS cycle with address key programs
-
CAS Latency (2 & 3 )
-
Burst Length (1, 2, 4, 8 & full page)
-
Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
Burst Read Single-bit Write operation
DQM for masking
Auto & self refresh
32ms refresh period (2K cycle)
GENERAL DESCRIPTION
The M12S16161A is 16,777,216 bits synchronous high
data rate Dynamic RAM organized as 2 x 524,288 words by
16 bits, fabricated with high performance CMOS technology.
Synchronous design allows precise cycle control with the
use of system clock I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
ORDERING INFORMATION
Part NO.
MAX Freq.
PACKAGE COMMENTS
M12S16161A-6TG
166MHz
TSOP(II)
Pb-free
M12S16161A-7TG
143MHz
TSOP(II)
Pb-free
M12S16161A-6BG
166MHz
VFBGA
Pb-free
M12S16161A-7BG
143MHz
VFBGA
Pb-free
PIN CONFIGURATION (TOP VIEW)
VSS
DQ15
DQ14
VSSQ
DQ13
VDDQ
DQ12
DQ11
DQ10
VSSQ
DQ9
VDDQ
DQ8
NC
NC
NC
NC
UDQM
NC
CLK
CKE
NC
BA
A9
A8
A7
A6
A5
VSS
A4
DQ0
VDD
VDDQ
DQ1
VSSQ
DQ2
DQ4
DQ3
VDDQ
DQ5
VSSQ
DQ6
NC
DQ7
NC
NC
LDQM
WE
CAS
NC
CS
NC
NC
A0
A10
A2
A1
A3
VDD
1
2
34
56
7
RAS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
60 Ball VFBGA
(6.4x10.1mm)
(0.65mm ball pitch)


Similar Part No. - M12S16161A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A-7TG ESMT-M12S16161A-7TG Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12S16161A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com