Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12S64164A-10BG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M12S64164A-10BG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12S64164A-10BG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M12S64164A-10BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12S64164A-10BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ESMT
M12S64164A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2009
Revision: 1.2
1/45
SDRAM
1M x 16 Bit x 4 Banks
Synchronous DRAM
FEATURES
JEDEC standard 2.5V power supply
LVTTL compatible with multiplexed address
Four banks operation
MRS cycle with address key programs
- CAS Latency (2 & 3)
- Burst Length (1, 2, 4, 8 & full page)
- Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
DQM for masking
Auto & self refresh
15.6
μ s refresh interval
ORDERING INFORMATION
PRODUCT NO.
MAX FREQ. PACKAGE Comments
M12S64164A-6TG
166MHz
54 TSOP II
Pb-free
M12S64164A-6BG
166MHz
54 BGA
Pb-free
M12S64164A-7TG
143MHz
54 TSOP II
Pb-free
M12S64164A-7BG
143MHz
54 BGA
Pb-free
M12S64164A-10TG
100MHz
54 TSOP II
Pb-free
M12S64164A-10BG
100MHz
54 BGA
Pb-free
GENERAL DESCRIPTION
The M12S64164A is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 1,048,576 words by
16 bits. Synchronous design allows precise cycle controls with the use of system clock I/O transactions are possible on
every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high performance memory system applications.
PIN ASSIGNMENT
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
V SS
DQ1 5
V SSQ
DQ1 4
DQ1 3
V DDQ
DQ1 2
DQ1 1
V SSQ
DQ1 0
DQ9
V DDQ
DQ8
V SS
NC
UDQ M
CLK
CK E
NC
A 11
A 9
A 8
A 7
A 6
A 5
A 4
V SS
VSS
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
UDQM
CLK
NC
A11
A8
A7
VSS
A5
VDDQ
DQ0
VSSQ
DQ2
VDDQ
DQ4
VDD
LDQM
CAS
RAS
BA1
BA0
A0
A1
A3
A2
12
345
6
7
89
A
B
C
D
E
F
G
H
J
VSSQ
VDDQ
VSSQ
VDDQ
VSS
CKE
A9
A6
A4
VDD
DQ1
DQ3
DQ7
WE
CS
A10
VDD
VSSQ
DQ6
DQ5


Similar Part No. - M12S64164A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A ESMT-M12S64322A Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A-6BG ESMT-M12S64322A-6BG Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A-6BG ESMT-M12S64322A-6BG Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A-6TG ESMT-M12S64322A-6TG Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12S64164A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com