Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHL-605HSD-X-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OHL-605HSD-X-T
Description  Series 605 - Power-LED, PLCC2 size High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHL-605HSD-X-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OHL-605HSD-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OHL-605HSD-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OHL-605HSD-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OHL-605HSD-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OHL-605HSD-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
preliminary
Features
- size 1210: 3,3(L) x 2,9(W) x 1,4(H) mm
- high current up to 300 mA
- soldering pads: noble metal plated, all soldering methods
applicable
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
IF, max[mA]
IF,P [mA]
tp
100
µs τ=1: 10
VR [V]
IR, max [
µA]
Thermal resistance
R thJA [K / W]
TOp [
°C]
TSt
°[C]
300
500
5
100
24
-40...85
-55...85
-40
-20
0
20
40
60
80
0
100
200
300
400
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
measured
VF[V]
IV[mcd]
ΦV[mlm]
color
at
at IF [mA]
typ
max
λd / λp*
[nm]
min
typ
min
typ
OHL-605 HY
OHL-605 HSD
OHL-605 HR
hyper yellow
hyper TSN red
hyper red
cathode
cathode
cathode
300
300
300
2,15
2,1
2,1
2,6
2,6
2,6
590
625
632
900
500
500
1900
1000
1000
9900
5500
5500
21000
11000
11000
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 605 - Power-LED, PLCC2 size
High luminous intensity
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OHL-605HSD-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHL-604870-X-T OSA-OHL-604870-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F OSA-OHL-604870F Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F-X-T OSA-OHL-604870F-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870H-X-T OSA-OHL-604870H-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
More results

Similar Description - OHL-605HSD-X-T

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
   High luminous intensity output
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com