Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHL-605HR-X-T Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OHL-605HR-X-T
Description  Series 605 - Power-LED, PLCC2 size High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHL-605HR-X-T Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OHL-605HR-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OHL-605HR-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OHL-605HR-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OHL-605HR-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OHL-605HR-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
preliminary edition 12/04
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
300
250
250
200
200
150
150
100
100
50
50
0
Max. 40 s
10-20 s
230°C
Time (sec)
300
IR reflow
soldering
profile
300
250
250
200
200
150
150
100
100
50
50
0
Ma x. 10 s
4°C/sec.
Time (sec)
235°C-260°C
First Wave
Second Wave
Process Limits
Wave
soldering
profile
Manual soldering:
max power of iron 25W/1s/300°C
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions


Similar Part No. - OHL-605HR-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHL-604870-X-T OSA-OHL-604870-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F OSA-OHL-604870F Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F-X-T OSA-OHL-604870F-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870H-X-T OSA-OHL-604870H-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
More results

Similar Description - OHL-605HR-X-T

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
   High luminous intensity output
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com