Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHL-634870F Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OHL-634870F
Description  Series 634 - High current, with lens
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHL-634870F Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OHL-634870F Datasheet HTML 1Page - OSA Opto Light GmbH OHL-634870F Datasheet HTML 2Page - OSA Opto Light GmbH OHL-634870F Datasheet HTML 3Page - OSA Opto Light GmbH OHL-634870F Datasheet HTML 4Page - OSA Opto Light GmbH OHL-634870F Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
preliminary edition 02/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0
30
60
90
120
150
180
0,0
0,5
1,0
view angle
1
10
100
1,2
1,3
1,4
870H
UF (V)
UF – IF
characteristic
0
50
100
150
200
1
870H
IF (mA)
IF – Ie, rel
characteristic


Similar Part No. - OHL-634870F

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHL-604870-X-T OSA-OHL-604870-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F OSA-OHL-604870F Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870F-X-T OSA-OHL-604870F-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-604870H-X-T OSA-OHL-604870H-X-T Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHL-605HR-X-T OSA-OHL-605HR-X-T Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
More results

Similar Description - OHL-634870F

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHI-631-870H OSA-OHI-631-870H Datasheet
171Kb / 5P
   Series 631 - High current, with lens
OHI-632-870H OSA-OHI-632-870H Datasheet
170Kb / 5P
   Series 632 - High current, with lens
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
logo
List of Unclassifed Man...
634-015-563-042 ETC2-634-015-563-042 Datasheet
489Kb / 2P
   634 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
OSA Opto Light GmbH
OLS-336R OSA-OLS-336R Datasheet
129Kb / 5P
   Series 336 - with Lens - low current low cost
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
logo
EDAC, All Rights Reserv...
634-SERIES EDAC-634-SERIES Datasheet
406Kb / 3P
   634 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
   LED with Lens
logo
OSA Opto Light GmbH
OLS-330BA460 OSA-OLS-330BA460 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens blue
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com