Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK2000-CLK Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDK2000-CLK
Description  Fractional-N Clock Synthesizer & Clock Multiplier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDK2000-CLK Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDK2000-CLK Datasheet HTML 5Page - Cirrus Logic CDK2000-CLK Datasheet HTML 6Page - Cirrus Logic CDK2000-CLK Datasheet HTML 7Page - Cirrus Logic CDK2000-CLK Datasheet HTML 8Page - Cirrus Logic CDK2000-CLK Datasheet HTML 9Page - Cirrus Logic CDK2000-CLK Datasheet HTML 10Page - Cirrus Logic CDK2000-CLK Datasheet HTML 11Page - Cirrus Logic CDK2000-CLK Datasheet HTML 12Page - Cirrus Logic CDK2000-CLK Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS2000-CP
DS761F1
9
PLL PERFORMANCE PLOTS
Test Conditions (unless otherwise specified): VD = 3.3 V; TA = 25 °C (Commercial Grade); CL =15pF;
fCLK_OUT = 12.288 MHz; fCLK_IN = 12.288 MHz; Sample size = 10,000 points; Base Band Jitter (100 Hz to 40 kHz);
AuxOutSrc[1:0] =11.
1
10
100
1,000
10,000
0.1
1
10
100
1,000
10,000
Input Jitter Frequency (Hz)
1 Hz Bandwidth
128 Hz Bandwidth
1
10
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
Input Jitter Frequency (Hz)
1 Hz Bandwidth
128 Hz Bandwidth
Figure 2. CLK_IN Sinusoidal Jitter Tolerance
Figure 3. CLK_IN Sinusoidal Jitter Transfer
Samples size = 2.5M points; Base Band Jitter (10Hz to 40kHz).
Samples size = 2.5M points; Base Band Jitter (10Hz to 40kHz).
Figure 4. CLK_IN Random Jitter Rejection and Tolerance
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Input Jitter Level (nsec)
1 Hz Bandwidth
128 Hz Bandwidth
Unlock
Unlock


Similar Part No. - CDK2000-CLK

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDK2000-CLK CIRRUS-CDK2000-CLK Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CDK2000-CLK CIRRUS-CDK2000-CLK Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CDK2000-CLK CIRRUS-CDK2000-CLK Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CDK2000-CLK CIRRUS-CDK2000-CLK Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
CDK2000-CLK CIRRUS-CDK2000-CLK Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
More results

Similar Description - CDK2000-CLK

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com