Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK2000 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDK2000
Description  Fractional-N Clock Multiplier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDK2000 Datasheet(HTML) 5 Page - Cirrus Logic

  CDK2000 Datasheet HTML 1Page - Cirrus Logic CDK2000 Datasheet HTML 2Page - Cirrus Logic CDK2000 Datasheet HTML 3Page - Cirrus Logic CDK2000 Datasheet HTML 4Page - Cirrus Logic CDK2000 Datasheet HTML 5Page - Cirrus Logic CDK2000 Datasheet HTML 6Page - Cirrus Logic CDK2000 Datasheet HTML 7Page - Cirrus Logic CDK2000 Datasheet HTML 8Page - Cirrus Logic CDK2000 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS2100-CP
DS840F1
5
2. TYPICAL CONNECTION DIAGRAM
2
1
GND
SCL/CCLK
SDA/CDIN
2 k
Ω
XTI/REF_CLK
Frequency Reference
CLK_IN
XTO
CLK_OUT
AUX_OUT
0.1 µF
VD
+3.3 V
Notes:
1. Resistors
required for I
2C
operation.
2 k
Ω
AD0/CS
Low-Jitter
Timing Reference
System MicroController
1 µF
Note
1
1
or
2
REF_CLK
XTO
XTI
XTO
or
40 pF
x
40 pF
Crystal
To circuitry which requires
a low-jitter clock
N.C.
To other circuitry or
Microcontroller
Figure 1. Typical Connection Diagram
CS2100-CP


Similar Part No. - CDK2000

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDK2000 CIRRUS-CDK2000 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
CDK2000 CIRRUS-CDK2000 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
More results

Similar Description - CDK2000

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com