Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2200P-CZZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS2200P-CZZ
Description  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2200P-CZZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS2200P-CZZ Datasheet HTML 7Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 8Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 9Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 10Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 11Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 12Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 13Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 14Page - Cirrus Logic CS2200P-CZZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CS2200-OTP
DS842F1
11
5.3
Output to Input Frequency Ratio Configuration
5.3.1
User Defined Ratio (RUD)
The User Defined Ratio, RUD, is a 32-bit un-signed fixed-point number which determines the basis for the
desired input to output clock ratio. Up to four different ratios, Ratio0-3, can be stored in the CS2200’s one
time programmable memory. Selection between the four ratios is achieved by the M[1:0] mode select
pins. The 32-bit RUD is represented in a 12.20 format where the 12 MSBs represent the integer binary
portion while the remaining 20 LSBs represent the fractional binary portion. The maximum multiplication
factor is approximately 4096 with a resolution of 0.954 PPM in this configuration. See “Calculating the
User Defined Ratio” on page 20 for more information.
The status of internal dividers, such as the internal timing reference clock divider, are automatically taken
into account. Therefore RUD is simply the desired ratio of the output to input clock frequencies.
5.3.2
Ratio Modifier (R-Mod)
The Ratio Modifier is used to internally multiply/divide the currently addressed RUD (Ratio0-3 stored in the
register space remain unchanged). The available options for R-Mod are summarized in Table 2 on
page 11. R-Mod is enabled via the M2 pin in conjunction with the appropriate setting of the M2Config[2:0]
global parameter (see Section 5.6.2 on page 15).
Table 2. Ratio Modifier
5.3.3
Effective Ratio (REFF)
The Effective Ratio (REFF) is an internal calculation comprised of RUD and the appropriate modifiers, as
previously described. REFF is calculated as follows:
REFF = RUD
R-Mod
To simplify operation the device handles some of the ratio calculation functions automatically (such as
when the internal timing reference clock divider is set). For this reason, the Effective Ratio does not need
to be altered to account for internal dividers.
Ratio modifiers which would produce an overflow or truncation of REFF should not be used. In all cases,
the maximum and minimum allowable values for REFF are dictated by the frequency limits for both the
input and output clocks as shown in the “AC Electrical Characteristics” on page 7.
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 18
M[1:0] ....................................“M1 and M0 Mode Pin Functionality” on page 14
RModSel[1:0]
R Modifier
00
0.5
01
0.25
10
0.125
11
0.0625
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 18
RModSel[1:0] ........................ “R-Mod Selection (RModSel[1:0])” section on page 17
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 19


Similar Part No. - CS2200P-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2200P-CZZ CIRRUS-CS2200P-CZZ Datasheet
332Kb / 22P
   Fractional-N Frequency Synthesizer
CS2200P-CZZR CIRRUS-CS2200P-CZZR Datasheet
332Kb / 22P
   Fractional-N Frequency Synthesizer
More results

Similar Description - CS2200P-CZZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com