Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2300-OTP Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS2300-OTP
Description  Fractional-N Clock Multiplier with Internal LCO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-OTP Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS2300-OTP_09 Datasheet HTML 3Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 4Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 5Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 6Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 7Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 8Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 9Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 10Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CS2300-OTP
DS844F1
7
AC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): VD = 3.1 V to 3.5 V; TA = -10°C to +70°C (Commercial Grade);
CL =15pF.
Notes:
5.
fCLK_OUT = 24.576 MHz; Sample size = 10,000 points; AuxOutSrc[1:0] =11.
6.
In accordance with AES-12id-2006 section 3.4.2. Measurements are Time Interval Error taken with 3rd
order 100 Hz to 40 kHz bandpass filter.
7.
In accordance with AES-12id-2006 section 3.4.1. Measurements are Time Interval Error taken with 3rd
order 100 Hz Highpass filter.
8.
1 UI (unit interval) corresponds to tCLK_IN or 1/fCLK_IN.
Parameters
Symbol
Conditions
Min
Typ
Max
Units
Clock Input Frequency
fCLK_IN
50 Hz
-
30
MHz
Clock Input Pulse Width
pwCLK_IN
fCLK_IN < 175 kHz
fCLK_IN > 175 kHz
140
10
-
-
-
-
ns
ns
PLL Clock Output Frequency
fCLK_OUT
6-
75
MHz
PLL Clock Output Duty Cycle
tOD
Measured at VD/2
45
50
55
%
Clock Output Rise Time
tOR
20% to 80% of VD
-
1.7
3.0
ns
Clock Output Fall Time
tOF
80% to 20% of VD
-
1.7
3.0
ns
Period Jitter
tJIT
(Note 5)
-
35
-
ps rms
Base Band Jitter (100 Hz to 40 kHz)
(Notes 5, 6)
-
50
-
ps rms
Wide Band JItter (100 Hz Corner)
(Notes 5, 7)
-
150
-
ps rms
PLL Lock Time - CLK_IN (Note 8)tLC
fCLK_IN < 200 kHz
fCLK_IN > 200 kHz
-
-
100
1
200
3
UI
ms


Similar Part No. - CS2300-OTP_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results

Similar Description - CS2300-OTP_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com