Selected language     English  ▼


CS61535A Datasheet(PDF) 7 Page - Cirrus Logic

Part No. CS61535A
Description  T1/E1 Line Interface
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 7 page
background image
E1 SWITCHING CHARACTERISTICS (TA = -40°C to 85°C; TV+, RV+ = 5.0V ±5%;
GND = 0V; Inputs: Logic 0 = 0V, Logic 1 = RV+; See Figures 1, 2, & 3)
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency
(Note 29)
fc
-
8.192000
-
MHz
ACLKI Duty Cycle
tpwh3/tpw3
40
-
60
%
ACLKI Frequency
(Note 30)
faclki
-2.048
-
MHz
RCLK Duty Cycle
(Notes 31, 32)
tpwh1/tpw1
-29
-
%
RCLK Cycle Width
(Note 32)
tpw1
tpwh1
tpwl1
310
90
120
488
140
348
670
190
500
ns
ns
ns
RCLK Cycle Width
(Note 32)
tpw1
tpwh1
tpwl1
320
-
100
488
348
140
670
-
-
ns
ns
ns
Rise Time, All Digital Outputs
(Note 33)
tr
-
-
85
ns
Fall Time, All Digital Outputs
(Note 33)
tf
-
-
85
ns
TPOS/TNEG (TDATA) to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG (TDATA) Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 34)
tsu1
100
194
-
ns
RDATA Valid Before RCLK Falling
(Note 35)
tsu1
100
194
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 31)
tsu1
100
194
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 34)
th1
100
194
-
ns
RDATA Valid After RCLK Falling
(Note 35)
th1
100
194
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 31)
th1
100
194
-
ns
TCLK Frequency
ftclk
-2.048
-
MHz
TCLK Pulse Width
(Notes 31, 34, 36, 37)
(Notes 35, 36, 37)
tpwh2
80
150
-
-
340
340
ns
ns
TCLK
TPOS/TNEG
t su2
t h2
t pwh2
t pw2
Figure 3a. Transmit Clock and Data Switching
Characteristics
ACLKI
t pwh3
t pw3
Figure 3b. Alternate External Clock Characteristics
Any Digital Output
t r
t f
10%
10%
90%
90%
Figure 2. Signal Rise and Fall Characteristics
CS61535A
DS40F3
7
-XO¶
&21),'(17,$/




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl