Electronic Components Datasheet Search
Selected language     English  ▼


CS61535A Datasheet(PDF) 1 Page - Cirrus Logic

Part No. CS61535A
Description  T1/E1 Line Interface
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 1 page
background image
Features
Provides Analog PCM Line Interface
for T1 and E1 Applications
Provides Line Driver, and Data and
Clock Recovery Functions
Transmit Side Jitter Attenuation
Starting at 6 Hz, with > 300 UI of Jitter
Tolerance
Low Power Consumption
(typically 175 mW)
B8ZS/HDB3/AMI Encoders/Decoders
14 dB of Transmitter Return Loss
Compatible with SONET, M13 , CCITT
G.742, and Other Asynchronous
Muxes
General Description
The CS61535A combines the complete analog transmit
and receive line interface for T1 or E1 applications in a
low power, 28-pin device operating from a +5V supply.
The device features a transmitter jitter attenuator mak-
ing it ideal for use in asynchronous multiplexor systems
with gapped transmit clocks. The CS61535A provides a
matched, constant impedance output stage to insure
signal quality on mismatched, poorly terminated lines.
The IC uses a digital Delay-Locked-Loop clock and
data recovery circuit which is continuously calibrated
from a crystal reference to provide excellent stability
and jitter tolerance.
Applications
Interfacing network transmission equipment such as
SONET multiplexor and M13 to a DSX-1 cross connect.
Interfacing customer premises equipment to a CSU.
Interfacing to E1 links.
Ordering Information
CS61535A-IL1Z
28 Pin PLCC (Lead-free)
CS61535A-IL1
28 Pin PLCC (j-leads)
MAY ’96
DS40F2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
SIGNAL
QUALITY
MONITOR
13
TTIP
TCLK
7
RRING
RTIP
19
20
17
11
18
TRING
16
TGND
14
CONTROL
DRIVER
MONITOR
LINE RECEIVER
LINE DRIVER
15
PULSE
SHAPER
3
2
6
4
RCLK
8
ACLKI
27
LLOOP
(SCLK)
26
RLOOP
(CS)
25
24
(INT)
LEN0
(SDI)
LEN1
(SDO)
LEN2
28
23
(CLKE)
TAOS
5
MODE
AMI,
B8ZS,
HDB3
CODER
TPOS
[TDATA]
RPOS
[RDATA]
RNEG
[BPV]
TNEG
[TCODE]
MTIP
[RCODE]
MRING
[PCS]
DPM
[AIS]
LOS
12
21
RV+
22
RGND
1
CLOCK &
DATA
RECOVERY
XTALIN
9
XTALOUT
10
JITTER
ATTENUATOR
LOOP
BACK
TV+
[ ] = Pin Function in Extended Hardware Mode
( ) = Pin Function in Host Mode
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)
CS61535A
T1/E1 Line Interface
Copyright
¤ Cirrus Logic, Inc. 2009
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
JUL ’09
DS40F3
Jul ’09
CONFIDENTIAL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl