Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA53 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 3 Page - Cirrus Logic

  SA53 Datasheet HTML 1Page - Cirrus Logic SA53 Datasheet HTML 2Page - Cirrus Logic SA53 Datasheet HTML 3Page - Cirrus Logic SA53 Datasheet HTML 4Page - Cirrus Logic SA53 Datasheet HTML 5Page - Cirrus Logic SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA53
SA53U
3
P r o d u c t I n n o v a t i o n F r o m
NOTES:
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
2. Long term operation at elevated temperature will result in reduced product life. De-rate internal power
dissipation to achieve high MTBF.
3. Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified current rating or a junction temperature of 150°C.
PARAmETER
TESTCONDITIONS (Note 1)
mIN
TYP
mAx
UNITS
ThERmAL
THERMAL WARNING
135
ºC
THERMAL WARNING HYSTERESIS
40
ºC
RESISTANCE, junction to case
Full temperature range
1.25
1.5
ºC/W
TEMPERATURE RANGE, case
Meets Specifications
-40
85
ºC
FIgURE2.64-pinQFP,PackageStylehQ
SPECIFICATIONS,continued


Similar Part No. - SA53

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA5311 AUK-SA5311 Datasheet
205Kb / 3P
   LED Lamp
SA5311B AUK-SA5311B Datasheet
205Kb / 3P
   LED Lamp
SA5315-F AUK-SA5315-F Datasheet
202Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SA5315-F KODENSHI-SA5315-F Datasheet
273Kb / 3P
   LAMP LED
logo
NXP Semiconductors
SA532 PHILIPS-SA532 Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
More results

Similar Description - SA53

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA57 CIRRUS-SA57 Datasheet
870Kb / 14P
   Switching Amplifier
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC547CTA FAIRCHILD-BC547CTA Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Analog Devices
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Fairchild Semiconductor
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
logo
New Japan Radio
NJM2120 NJRC-NJM2120 Datasheet
301Kb / 10P
   SWITCHING OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
   Isolating switching amplifier
logo
Analog Devices
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com