Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA303-IHZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # SA303-IHZ
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303-IHZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button SA303-IHZ Datasheet HTML 6Page - Cirrus Logic SA303-IHZ Datasheet HTML 7Page - Cirrus Logic SA303-IHZ Datasheet HTML 8Page - Cirrus Logic SA303-IHZ Datasheet HTML 9Page - Cirrus Logic SA303-IHZ Datasheet HTML 10Page - Cirrus Logic SA303-IHZ Datasheet HTML 11Page - Cirrus Logic SA303-IHZ Datasheet HTML 12Page - Cirrus Logic SA303-IHZ Datasheet HTML 13Page - Cirrus Logic SA303-IHZ Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SA303
SA303U

P r o d u c t I n n o v a t i o n F r o m
out condition is in progress. The SA303 has two
VS connections: one for phase A, and another for
phases B & C. The supply voltages on these pins
need not be the same, but the UVLO will engage
if either is below the threshold. Hysteresis on the
UVLO circuit prevents oscillations with typical
power supply variations.
2.4CURRENTSENSE
External power shunt resistors are not required
with the SA303. Forward current in each top,
Pchannel output FET is measured and mirrored to
the respective current sense output pin, Ia, Ib and
Ic. By connecting a resistor between each cur-
rent sense pin and a reference, such as ground,
a voltage develops across the resistor that is pro-
portional to the output current for that phase. An
ADC can monitor the voltages on these resistors
for protection or for closed loop torque control
in some application configurations. The current
sense pins source current from the VDD supply.
Headroom required for the current sense circuit is
approximately .5V. The nominal scale factor for each proportional output current is shown in the typical performance
plot on page 4 of this datasheet.
2.CYCLE-BY-CYCLECURRENTLImIT
In applications where the current in the motor is not directly controlled, both the average current rating of the mo-
tor and the inrush current must be considered when selecting a proper amplifier. For example, a 1A continuous
motor might require a drive amplifier that can deliver well over 10A peak in order to survive the inrush condition at
startup.
Because the output current of each upper output FET is measured, the SA303 is able to provide a very robust cur-
rent limit scheme. This enables the SA303 to safely and easily drive virtually any brushless motor through a startup
inrush condition. With limited current, the starting torque and acceleration are also limited. The plot in Figure 7
shows starting current and back EMF with and without current limit enabled.
If the voltage of any of the three current sense pins exceeds the current limit threshold voltage (Vth), all outputs are
disabled. After all current sense pins fall below the Vth threshold voltage AND the offending phase’s top side input
goes low, the output stage will return to an active state on the rising edge of ANY top side input command signal (At,
bt, or Ct). With most commutation schemes, the current limit will reset each pwm cycle. This scheme regulates the
peak current in each phase during each pwm cycle as illustrated in the timing diagram below. The ratio of average
to peak current depends on the inductance of the motor winding, the back EMF developed in the motor, and the
width of the pulse.
Figure 8 illustrates the current limit trigger and reset sequence. Current limit engages and I
LIM/DIS1 goes high when
any current sense pin exceeds Vth. Notice that the moment at which the current sense signal exceeds the Vth
threshold is asynchronous with respect to the input PWM signal. The difference between the PWM period and the
motor winding L/R time constant will often result in an audible beat frequency sometimes called a sub-cycle oscil-
lation.
This oscillation can be seen on the I
LIM/DIS1 pin waveform in Figure 8. Input signals commanding 0% or 100% duty
cycle may be incompatible with the current limit feature due to the absence of rising edges of At, Bt, and Ct except
when commutating phases. At high RPM, this may result in poor performance. At low RPM, the motor may stall if
the current limit trips and the motor current reaches zero without a commutation edge which will typically reset the
current limit latch.
TIME
NON-LIMITED BACK EMF
LIMITED BACK EMF
LIMITED MOTOR CURRENT
NON-LIMITED MOTOR CURRENT
FiGURE 7. START-UP VOLTAGE AND
CURRENT


Similar Part No. - SA303-IHZ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA303-IHZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com