Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE119 Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE119
Description  Precision Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE119 Datasheet(HTML) 2 Page - Cirrus Logic

  VRE119 Datasheet HTML 1Page - Cirrus Logic VRE119 Datasheet HTML 2Page - Cirrus Logic VRE119 Datasheet HTML 3Page - Cirrus Logic VRE119 Datasheet HTML 4Page - Cirrus Logic VRE119 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE117/119
2
VRE117DS
1.ChaRaCTERISTICSaNDSPECIFICaTIONS
ElECTRICalSPECIFICaTIONS
V
PS =±15V, T = +25°C, RL = 10K Ω UnLESS OTHERWISE nOTED.
Model
VRE119C
VRE117M
VRE117Ma
units
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
aBSOluTEMaXIMuMRaTINGS
Power Supply
±13.5
±22
*
*
*
*
V
Operating Temperature
-25
+85
-55
+125
-55
+125
ºC
Storage Temperature
-65
+150
*
*
*
*
ºC
Short Circuit Protection
Continuous
*
*
OuTPuTVOlTaGE
VRE117
+3.0
*
*
V
VRE119
±3.0
*
*
V
OuTPuTVOlTaGEERRORS
Initial Error
±300
±300
±200
µV
Warmup Drift
2
2
1
ppm
T
MIn - TMAX
(note1)
200
400
200
µV
Long-Term Stability
6
*
*
ppm/1000hrs.
noise (0.1 - 10Hz)
1.5
*
*
µVpp
OuTPuTCuRRENT
Range
±10
*
*
mA
REGulaTION
Line
3
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
OuTPuTaDJuSTMENT
Range
5
*
*
mV
Temperature Coefficient
1
*
*
µV/ºC/mV
POWERSuPPlYCuRRENT (note 2)
VRE117 ±PS
5
7
*
*
*
*
mA
VRE119 +PS
7
9
*
*
*
*
mA
VRE119 -PS
4
6
*
*
*
*
mA
nOTES:
* Same as C Models.
1. Using the box method, the specified value is the maximum deviation from the output voltage at 25°C
over the specified operating temperature range.
2. The specified values are unloaded.
Model
Output(V)
Temperature
OperatingRange
VoltDeviation(MaX)
VRE117M
VRE117MA
+3
+3
-55°C to +125°C
-55°C to +125°C
±400µV
±200µV
VRE119C
±3
-25°C to +85°C
±200µV
SElECTIONGuIDE
hermetic14-pinCeramicDIP
PackageStylehC


Similar Part No. - VRE119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE119 ETC2-VRE119 Datasheet
425Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE119 CIRRUS-VRE119 Datasheet
816Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE119C ETC2-VRE119C Datasheet
425Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE119C CIRRUS-VRE119C Datasheet
816Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE119CA ETC2-VRE119CA Datasheet
425Kb / 5P
   Precision Reference Supplies
More results

Similar Description - VRE119

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com