Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE117M Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE117M
Description  Precision Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE117M Datasheet(HTML) 1 Page - Cirrus Logic

  VRE117M Datasheet HTML 1Page - Cirrus Logic VRE117M Datasheet HTML 2Page - Cirrus Logic VRE117M Datasheet HTML 3Page - Cirrus Logic VRE117M Datasheet HTML 4Page - Cirrus Logic VRE117M Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE117/119
VRE117DS
1
DESCRIPTION
VRE117/119 Series Precision Voltage References pro-
vide ultrastable +3 V (VRE117), and ±3 V (VRE119)
output with ±0.2 mV initial accuracy and temperature
coefficient as low as 0.6 ppm/°C over the full military
temperature range. This improvement in accuracy is
made possible by a unique, proprietary multipoint laser
compensation technique. Significant improvements
have been made in other performance parameters as
well, including initial accuracy, warm-up drift, line regu-
lation, and long-term stability, making the VRE117/119
series the most accurate and stable 3 V reference
available.
VRE117/119 devices are available in two operat-
ing temperature ranges, -25°C to +85°C and -55°C
to +125°C, and two performance grades. All devices
are packaged in 14-pin hermetic ceramic packages
for maximum long-term stability. “M” versions are
screened for high reliability and quality.
Superior stability, accuracy, and quality make these
references ideal for precision applications such as A/D
and D/A converters, high-accuracy test and measure-
ment instrumentation, and transducer excitation.
FEaTuRES
♦ Very High Accuracy: ±3 V Output, ±0.2 mV
♦ Extremely Low Drift: 0.6 ppm/°C (-55°C to
+125°C)
♦ Low Warm-up Drift: 1 ppm Typical
♦ Excellent Stability: 6 ppm/1000 Hrs. Typical
♦ Excellent Line Regulation: 3 ppm/V Typical
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option
aPPlICaTIONS
♦ Precision A/D and D/A Converters
♦ Transducer Excitation
♦ Accurate Comparator Threshold Reference
♦ High Resolution Servo Systems
♦ Digital Voltmeters
♦ High Precision Test and Measurement Instru-
ments
Precision Voltage Reference
VRE117/119
P r o d u c t I n n o v a t i o n F r o m
VRE117
VRE119
Figure1.BlOCKDIaGRaMS
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MaR2009
APEX − VRE117DSREVD


Similar Part No. - VRE117M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE117M ETC2-VRE117M Datasheet
425Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE117M CIRRUS-VRE117M Datasheet
816Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE117MA ETC2-VRE117MA Datasheet
425Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE117MA CIRRUS-VRE117MA Datasheet
816Kb / 5P
   Precision Voltage Reference
More results

Similar Description - VRE117M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com