Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSOP-77 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMSOP-77
Description  ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-77 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMSOP-77 Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 6Page - Advanced Monolithic Systems AMSOP-77 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-77
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
1
4
-50
0
50
100
TEMPERATURE (° C)
Input Bias Current vs Temperature
2
3
FREQUENCY (Hz)
0
32
Maximum Output Swing vs
Frequency
16
12
4
100k
1M
1k
10k
8
24
20
0
±10
±15
16
±20
Open-Loop Gain vs Power
Supply Voltage
POWER SUPPLY VOLTAGE (V)
8
4
±5
0
0
0.5
1.0
2.0
-50
0
50
100
TEMPERATURE (° C)
Input Offset Current vs Temperature
1.5
-40
0
120
0
1
10 100 1k 10k 100k 1M 10M
FREQUENCY (Hz)
Open-Loop Frequency Response
40
80
0
5
20
100
1k
10k
LOAD RESISTANCE TO GROUND (
Ω)
Maximum Output Voltage vs
Load Resistance
10
15
12
050
85
100
Untrimmed Offset Voltage vs
Temperature
TEMPERATURE (° C)
50
25
-50
0
75
15
20
40
0
1
234
TIME FROM OUTPUT BEING SHORTED (minutes)
Output Short-Circuit Current vs
Time
25
30
V
S = ±15V
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
R
S = 100Ω
V
IN = ±10mV
POSITIVE SWING
NEGATIVE SWING
OP-77G
OP-77E
R
L = 2kΩ
28
V
S = ±15V
T
A = 25° C
35
OP-77F
+I
SC
- I
SC


Similar Part No. - AMSOP-77

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77E ADMOS-AMSOP-77E Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77EP ADMOS-AMSOP-77EP Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77ES ADMOS-AMSOP-77ES Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77F ADMOS-AMSOP-77F Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results

Similar Description - AMSOP-77

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177 Datasheet
35Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
July 1994
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400_V01 Datasheet
225Kb / 6P
   Ultra-Low Offset Voltage Operational Amplifier
2005
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_98 Datasheet
578Kb / 10P
   2MHz, Ultra-Low Offset Voltage Operational Amplifier
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
   ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com