Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3102CS Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS3102CS
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102CS Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS3102CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMS3102
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3L TO-92 PLASTIC PACKAGE (N)
0.140±0.010
(3.556±0.127)
0.060±0.010
(1.524±0.254)
0.015±0.002
(0.381±0.051)
0.016±0.003
(0.406±0.076)
0.050±0.005
(1.270±0.127)
0.060±0.005
(1.524±0.127)
DIA
0.180±0.005
(4.572±0.127)
0.180±0.005
(4.572±0.127)
0.050
(1.270)
MAX
0.500
(12.70)
MIN
UNCONTROLLED
LEAD DIMENSIONS
10°
NOM
5° NOM
N (TO-92 ) AMS DRW# 042391
0.90
(2.286)
NOM
5 LEAD SOT-23 PLASTIC PACKAGE (M1)
0.059-0.070
(1.50-1.75)
0.014-0.020
(0.350-0.50)
0.110-0.120
(2.794-3.048)
0.102-0.118
(2.60-3.00)
0.037
(0.95)
TYP
0.075
(1.90)
TYP
0.018-0.024
(0.457-0.610)
10°
NOM
0.0035-0.0080
(0.090-0.20)
(SOT-23-5 ) AMS DRW# 051001
0.036-0.051
(0.090-1.30)
0.003
(0.150)
MAX
0.018-0.024
(0.457-0.610)
10°
NOM
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS3102CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102CS ADMOS-AMS3102CS Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com