Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950CN-X Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # LP2950CN-X
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950CN-X Datasheet(HTML) 6 Page - Advanced Monolithic Systems

Back Button LP2950CN-X Datasheet HTML 2Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 3Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 4Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 5Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 6Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 7Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 8Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 9Page - Advanced Monolithic Systems LP2950CN-X Datasheet HTML 10Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-75
0
25 50 75 100 125
170
140
150
Short Circuit Current
TEMPERATURE (° C)
150
120
110
-50 -25
-75
0
25 50 75 100 125
600
150
Dropout Voltage
TEMPERATURE (° C)
400
100
0
-50 -25
I
L= 100mA
100
130
160
-75
0
25 50 75 100 125
2.2
150
LP2951 Minimum Operating Voltage
TEMPERATURE (° C)
-50 -25
-75
0
25 50 75 100 125
20
150
LP2951 Feedback Bias Current
TEMPERATURE (° C)
0
-30
-50 -25
-2.0
-1.5
-1.0
-0.5
0
0.5
-250
50
-50
-150
LP2951 Feedback Pin Current
1.0
FEEDBACK VOLTAGE (V)
-200
0
-100
200
400
600
100
mV
800
Line Transient Response
TIME (
µs)
0
8V
4V
0
I
L= 1mA
V
OUT= 5V
0.0
0.3 0.4 0.5 0.6 0.7 0.8
2.5
0.9
LP2951 Comparator Sink Current
OUTPUT LOW VOLTAGE (V)
1.5
0.0
0.1 0.2
0
3
4
5
678
9
4
LP2951 Error Comparator Output
INPUT VOLTAGE (V)
5
2
1
12
0
3
6
V
OUT= 5V
100
µA
1mA
10mA
100mA
OUTPUT CURRENT
0
500
Dropout Voltage
500
300
50
400
300
200
100
2.1
2.0
1.9
1.8
1.7
1.6
10
-10
-20
50
mV
-50
mV
6V
~
~
~
~
8
7
2.0
1.0
0.5
I
L= 100µA
T
J = 25°C
T
A = 125°C
T
A = 25°C
T
A = -55°C
PIN 7 DRVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)
T
A = 125°C
T
A = 25°C
T
A = -55°C
C
L= 1µF
HYSTERESIS
50k RESISTOR TO
EXTERNAL 5V SUPPLY
50k
RESISTOR
TO V
OUT


Similar Part No. - LP2950CN-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2950CN-X ADMOS-LP2950CN-X Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950CN-X CALOGIC-LP2950CN-X Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950CN-X ADMOS-LP2950CN-X Datasheet
142Kb / 14P
   Battery Powered Systems
More results

Similar Description - LP2950CN-X

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com