Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3107CL-20 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS3107CL-20
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107CL-20 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS3107CL-20 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107CL-20 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3107
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
APPLICATION NOTES
Definition of Terms
Dropout Voltage: The input-output voltage differential at which
the circuit stops to regulate against further reduction in input
voltage. Measured when the output voltage has dropped 100mV
from the nominal voltage obtained at 1V input, dropout voltage is
dependent upon load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminal with
respect to ground.
Input-Output Differential: The voltage
difference between the unregulated input voltage and the regulated
output voltage for which the regulator will regulate.
Line Regulation: The change in output voltage for a change in
the input voltage. The line regulation is measured under conditions
of low dissipation or by using low duty cycle pulse testing such
that the average chip temperature is not significantly affected.
Load Regulation: The change in output voltage for a change in
load current at constant chip temperature.
Long term stability: Output voltage stability under accelerated
life-test conditions after 1000 hours with maximum rated voltage
and junction temperature.
Output Noise Voltage: The rms AC voltage at the output, with
constant load and no input ripple, measured over a specified
frequency range.
Quiescent Current: That part of the positive input current that
does not contribute to the positive load current. The regulator
ground lead current.
Ripple Rejection: The ratio of the peak-to –peak input ripple
voltage to the peak-to-peak output ripple voltage at specified
frequency.
Temperature Stability of VO: The percentage change in output
voltage for a thermal variation from room temperature to either
temperature extreme.
External capacitor
The AMS3107 series require an output capacitor of 10
µF or
greater to ensure device stability. Without the capacitor the device
may oscillate.
Most type of tantalum or electrolytic capacitor can be used in the
applications. A critical characteristic of the capacitors is an ESR
value of 5
Ω or less and a resonant frequency above 500kHz. The
value of this capacitor can be increased without limits.
For higher loads, the value of the capacitor should be increased,
specialy when the output voltage is set for 2.5V or less. The
AMS3107 lowest fixed output voltage value is 2.0V.
Typical application circuit (adjustable output)
R
2
ADJ
+
AMS3107
ADJUSTABLE
GND
C1
22
µF
10µF
OUT
OFF
ON
ON/OFF
R
1
28k
V
OUT
V
IN
100k
Minimum Load
In circuits using the fixed output voltage versions, minimum load
is not required. For circuits using the adjustable device, the value
of R1 and R2 should be chosen such, that a current of
approximately 40
µA flows through the network. The reference
voltage (1.235V) is measured between the adjust pin and VOUT.
The output voltage can be set by the two resistors R1 and R2
using the following equation:
+
=
R1
R2
R1
V
V
REF
O
Operation During Load Dump
TIME (ms)
τ =150 ms
-100
0
100
200
300
400
500
0
1
4
0
10
50
70
C
O= 100µF
1.20
1.30
Reference Voltage
1.12
1.14
1.16
1.18
1.22
1.24
1.26
1.28
OUTPUT VOLTAGE (V)
3
6
9
12
1518
2124
0
1.10
~
~
AMS3107 ADJUSTABLE
2
3
~
~
40
30
20
60
R
L= 500Ω
5


Similar Part No. - AMS3107CL-20

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107CL-20 ADMOS-AMS3107CL-20 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3107CL-20

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com