Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8757D-700 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 8757D-700
Description  Scalar Network Analyzer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8757D-700 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  8757D-700 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8757D-700 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
General information
Temperature range
Operating: 0 to 55 °C
Storage: –40 to 75 °C
Power requirements
48 to 66 Hz, 100/120/220/240 V ±10%,
typically 155 VA
Dimensions: 178 H x 425 W x 482 mm D
(7.0 x 16.75 x 19.0 in)
Weight: Net 22 kg (48 lb), Shipping: 28 kg (61.5 lb)
Power calibrator (Option 002 only)
The 8757D’s internal power calibrator provides
a 50 MHz reference standard for characterizing
the absolute power accuracy and dynamic power
accuracy of the 85037 series precision detectors.
Frequency: 50 MHz ±0.2 MHz
Output power: (25 ±5 °C)
Range: +20 to –50 dBm
Accuracy at 0 dBm: ±0.05 dB
Linearity: (over any 10 dB range)
±0.08 dB (+20 to +10 dBm)
±0.04 dB (+10 to –30 dBm)
±0.06 dB (–30 to –50 dBm)
SWR: ≤1.05
Modes of operation
DC Mode (unmodulated)
AC Mode (modulated at 27,778 Hz ±12 Hz)
Connector: Type-N (f)
Accessory included
A Type-N (m) to 3.5-mm (f) adapter is provided
to allow calibration of the 85037B (3.5 mm)
precision detector.
Ordering information
Agilent 8757D scalar network analyzer (select one)
8757D-700
Standard network analyzer
8757D-001
Adds fourth detector input
8757D-002
Adds internal power calibrator
8757D-012
Adds fourth detector and internal
calibrator


Similar Part No. - 8757D-700

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
8757 WINCHESTER-8757 Datasheet
72Kb / 1P
   Plug, Sma
logo
Belden Inc.
8757 BELDEN-8757 Datasheet
154Kb / 2P
   Electronic, 4 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8757.0601000 BELDEN-8757.0601000 Datasheet
154Kb / 2P
   Electronic, 4 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Tyco Electronics
87579-1 MACOM-87579-1 Datasheet
217Kb / 1P
   HDR ASSY, MOD 2, SHROUDED, 4 SIDES
87579-2 MACOM-87579-2 Datasheet
217Kb / 1P
   HDR ASSY, MOD 2, SHROUDED, 4 SIDES
More results

Similar Description - 8757D-700

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Keysight Technologies
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
JDS Uniphase Corporatio...
DA3200-T1 JDSU-DA3200-T1 Datasheet
190Kb / 4P
   DA-3200 Data Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com