Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8471E Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 8471E
Description  Coaxial RF Microwave Detectors 0.01 GHz - 12 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8471E Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  8471E Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8471E Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microsoft is a U.S. registered trademark of
Microsoft Corporation.
www.agilent.com
www.agilent.com/find/mta
For more information on Agilent Technol-
ogies’ products, applications or services,
please contact your local Agilent office.
The complete list is available at:
www.agilent.com/find/contactus
Americas
Canada
(877) 894-4414
Latin America
305 269 7500
United States
(800) 829-4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Thailand
1 800 226 008
Europe & Middle East
Austria
01 36027 71571
Belgium
32 (0) 2 404 93 40
Denmark
45 70 13 15 15
Finland
358 (0) 10 855 2100
France
0825 010 700*
*0.125 €/minute
Germany
07031 464 6333
Ireland
1890 924 204
Israel
972-3-9288-504/544
Italy
39 02 92 60 8484
Netherlands
31 (0) 20 547 2111
Spain
34 (91) 631 3300
Sweden
0200-88 22 55
Switzerland
0800 80 53 53
United Kingdom
44 (0) 118 9276201
Other European Countries:
www.agilent.com/find/contactus
Revised: October 6, 2008
Product specifications and descriptions
in this document subject to change
without notice.
© Agilent Technologies, Inc. 2009
Printed in USA, February 17, 2009
5952-0802E
Specifications
Frequency range: 0.01 - 12 GHz
Frequency responses: ±0.23 dB (0.01 - 4 Ghz); ±0.6 dB (4 - 8 GHz);
±0.85 dB (8 - 12 GHz)
SWR: < 1.2 (0.01 - 4 GHz); < 1.7 (4 - 8 GHz); < 2.4 (8 - 12 GHz)
Low level sensitivity: 0.4 mV/µW
Max. operating input: 200 mW
Typical short-term max. input: 0.75 Watt
Noise: < 50 µV
(µV peak-to-peak with CW power applied to produce 100 mV output, 400 kHz BW)
Output polarity (STD): negative
(003): positive
Note: Above specifications are at 25 ºC and ≤ 20 dBm unless otherwise specified.
Environmental
Operating temperature: –20º to +85 ºC
Non-operating temperature: MIL-STD 883, Method 1010: (–55º to +85 ºC)
Vibration: MIL-STD 883, Method 2007: (0.6” D.A. 20 to 80 Hz and 20 g,
80 to 2000 Hz)
Shock: MIL-STD 883, Method 2002.1: (500 g, 0.5 ms)
Altitude: MIL-STD 883, Method 1001: (50,000 ft, 15,240 m)
Moisture resistance: MIL-STD 883, Method 1004.1: (25º to 40 ºC, 95% RH)
RFI: MIL-STD 461C (meets Part 7, degraded by 10 dB)
Typical values:
R
V (diode video impedance) ≈ 1.5 kΩ*
C
B (RF bypass capacitor) ≈ 30 pF nominal
T
R (10 to 90% risetime) ≈ 2.2
(R
LOAD)(RV)
(C
B + CLOAD) =
0.35
R
LOAD + RV
BW
*@ 25 ºC and PIN ≤ 20 dBm (see Figure 3)
Agilent 8471E
Figure 6. Equivalent circuit for Agilent 8471E with typical parameter values.
Equivalent diode
Rv, diode video
impedance
RF in
Video out
CB, RF bypass
capacitor
V
50 Ω
A
B
C
RF connector
Video connector SMC
(male center conductor)
Figure 7. Agilent 8471E
A: 7.9 (0.31)
B: 39.16 (1.54)
C: 9.26 (0.36)
Connector: SMA (m) input
SMC (m) output
Net weight: 38.8 grams (1.37 oz.)


Similar Part No. - 8471E

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8471ELV BELDEN-8471ELV Datasheet
152Kb / 3P
   Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, B2ca
11-09-2022
8471ELW BELDEN-8471ELW Datasheet
152Kb / 3P
   Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, Cca
11-09-2022
More results

Similar Description - 8471E

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
   Coaxial DC Block 0.01 to 18 GHz
logo
Micronetics, Inc.
NST10H MICRONETICS-NST10H Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 2 GHz to 10 GHz
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
logo
STMicroelectronics
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com