Electronic Components Datasheet Search |
|
11974Q Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
11974Q Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 8 page 7 Ordering Information 11974A 26.5 to 40 GHz 11974Q 33 to 50 GHz 11974U 40 to 60 GHz 11974V 50 to 75 GHz Option 11974X-001: Input isolator attached and included in calibration (Note: X = A, Q, U or V) Option 11974X-003: Exclusion of power supply (Note: X = A, Q, U or V) 5062-3989: Front handle kit for power supply 5062-3957: Rack mount kit with extended flange for power supply (half-width) Warranty and service Standard warranty is 12 months. Option R-51B: Return-to-Agilent warranty and service Calibration R-50C-001: Standard calibration R-50C-002: Standard compliant calibration Operation with 11974 Series will require entry of a frequency offset. Preselector peaking is performed manually with a screwdriver adjustment. Sweep times must be manually controlled in wide spans to avoid oversweeping the preselector. 1. Compatible spectrum analyzers E4440A 3 Hz to 26.5 GHz high-performance E4446A 3 Hz to 44 GHz high-performance E4448A 3 Hz to 50 GHz high-performance 8560EC 2.9 GHz rugged portable 8561EC 6.5 GHz rugged portable 8562EC 13.2 GHz rugged portable 8563EC 26.5 GHz rugged portable 8564EC 40 GHz rugged portable 8565EC 50 GHz rugged portable E4407B 26.5 GHZ rugged portable 71100C 2.9 GHz modular 71200C 22/26.5 GHz modular 71210C 22 GHz modular 70907B external mixer interface module 8566B 22 GHz benchtop 11975A LO amplifier Note: An 8562A can be made hardware compatible with the 11974 Series by installing the 8562A-K74 upgrade kit. Limitations of using an 8562A with the 11974 Series are indicated in footnote 1 below. Other related accessories available from Agilent Technologies: 281A/B waveguide with 2.4-mm coax adapters 382A attenuators for R, Q, and U bands only 373D/G 20/50 dB fixed attenuators 370A/B/C 3 dB, 6 dB, and 10 dB fixed attenuators for Q and U bands only 800 Series waveguide bends, twists, and straight sections 365A Series waveguide isolators for R, Q, U, and V bands |
Similar Part No. - 11974Q |
|
Similar Description - 11974Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |