Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8473B Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 8473B
Description  Low Barrier Schottky Diode Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8473B Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  8473B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8473B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8473B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8473B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© Agilent Technologies, Inc. 2009
Printed in USA, May 25, 2009
5952-8299
Applications
These detectors can be used in a wide variety of applications ranging from lab
and production measurements to systems components. Because of their flat-
ness and match, these detectors can be used for accurately measuring trans-
mission and reflection characteristics in CW or swept-frequency measurements.
For these applications in which both flat-frequency response and square-law
characteristics are important, Option 423B, 847xB/C–001 provides a matched
pair of detectors that track each other within a few tenths of a dB, and Option
423B, 847xB/C–002 (external square-law load) extends the square-law region
up to at least 0.1 mW (10 dBm). Other common applications include use with a
coupler or power splitter to externally level a source, and to display pulsed-RF
and AM-modulated signals.
For OEM and systems applications, the broadband flatness and ruggedness of
these detectors make them particularly well suited for use in closed-loop level-
ing circuits in microwave instrumentation.
Square-law response
For many reflection and transmission measurements it is desirable to use the
detector in its square-law region where its output voltage is proportional to the
input RF power. As shown in figure 5, the LBSD typically operate within 0.5 dB
of square-law from the tangential signal sensitivity (TSS) level up to 18 dBm.
By specifying Option 423B, 847xB/C–002, a specially selected loading resistor is
provided which extends this square-law region to approximately 8 dBm with an
associated decrease in sensitivity as shown in figure 5.
Pulse response
The LBSD detectors have extremely good pulse detection characteristics when
working into low-capacitance, low-resistance loads. When loaded externally
with 50 Ω the LBSD detector can typically display 8 to 12 ns rise times. Figure 6
illustrates the equivalent circuit for the detector, as well as typical values for the
diode impedance and the RF bypass capacitor.
Ordering Information
To add options to a product, use the following ordering scheme:
Model: 847xB/C (x= 0, 2 or 3)
Example options: 8472B–001, 8473C–001
423B–001
Matched pair of detectors
847xB/C–001
423B–002
External square-law load
847xB/C–002
Product specifications and descriptions
in this document subject to change
without notice.
RF in
50
V
Video out
RF bypass
capacitor
Diode
impedance
Figure 7. Detector equivalent circuit
For more information on Agilent Technol-
ogies’ products, applications or services,
please contact your local Agilent office.
The complete list is available at:
www.agilent.com/find/contactus
Americas
Canada
(877) 894-4414
Latin America
305 269 7500
United States
(800) 829-4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Thailand
1 800 226 008
Europe & Middle East
Austria
01 36027 71571
Belgium
32 (0) 2 404 93 40
Denmark
45 70 13 15 15
Finland
358 (0) 10 855 2100
France
0825 010 700*
*0.125 €/minute
Germany
07031 464 6333
Ireland
1890 924 204
Israel
972-3-9288-504/544
Italy
39 02 92 60 8484
Netherlands
31 (0) 20 547 2111
Spain
34 (91) 631 3300
Sweden
0200-88 22 55
Switzerland
0800 80 53 53
United Kingdom
44 (0) 118 9276201
Other European Countries:
www.agilent.com/find/contactus
Revised: October 6, 2008
www.agilent.com
www.agilent.com/find/emailupdates
Get the latest information on the
products and applications you select.


Similar Part No. - 8473B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8473 VECTRON-8473 Datasheet
458Kb / 4P
   Oven Controlled Crystal Oscillators
logo
List of Unclassifed Man...
8473 ETC2-8473 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Belden Inc.
8473 BELDEN-8473 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8473.0601000 BELDEN-8473.0601000 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8473.060500 BELDEN-8473.060500 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
More results

Similar Description - 8473B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Advanced Semiconductor
5082-2794 ASI-5082-2794 Datasheet
22Kb / 1P
   SCHOTTKY LOW BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com