Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

423B-001 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 423B-001
Description  Low Barrier Schottky Diode Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

423B-001 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  423B-001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 423B-001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 423B-001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 423B-001 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Field-replaceable detector elements
In the event of diode burnout, field-replaceable detector
elements are available for economical customer repair.
The critical components are supplied (and tested) as an
integrated unit, with the mount playing only a minor role in
determining frequency response and SWR. The following
table lists field-replaceable detector modules that have
been tested to their respective specifications.
Table 1.
Agilent Model
Agilent replacement part number
423B
00423-60003
8470B
08470-60012
8472B
08470-60012
8473B
08473-80001
Option 8473B–001
08473-80002
Option 8473B–003
08473-80003
8473C
08473-80004
Option 8473C–001
08473-80005
Option 8473C–003
08473-80006
423B
8470B
RF connector
D
D
D
L
L
L
8472B
8473B/C
Figure 5. Drawing dimensions given
in specification table
Typical LBSD
detector
+1.00
-1.00
0.01
2
4
6
8
10
12
14
16
18
+0.75
-0.75
+0.50
-0.50
+0.25
-0.25
Frequency (GHz)
0
LBSD
specifications
Figure 2. Detector frequency response specifications
Typical LBSD
detector
1.8
1.0
0.01
2
4
6
8
10
12
14
16
18
1.7
1.1
1.6
1.2
1.5
1.3
Frequency (GHz)
1.4
LBSD
specifications
Figure 3. Detector SWR specifications
Typical
SWR for
LBSD
detector
models
2.0 Source
SWR
1.5 Source
SWR
0
1.0
1.2
1.4
1.6
1.8
2.0
0.2
0.4
1.0
0.6
Detector SWR
0.8
Figure 4. Measurement uncertainty due to detector source mismatch
Without
load
Square
law loaded
LBSD
LBSD
0.005
-50
-40
-30
-20
-10
0
0.05
0.5
500.0
5.0
Input power (dBm)
50.0
Figure 6. Typical detector square-law response


Similar Part No. - 423B-001

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
423 DBLECTRO-423 Datasheet
314Kb / 1P
   SMD pins for LED connector
logo
Bi technologies
423 BITECH-423 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
List of Unclassifed Man...
423-017-520-102 ETC2-423-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-520-102 EDAC-423-017-520-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
423-017-520-102 EDAC-423-017-520-102 Datasheet
244Kb / 2P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
More results

Similar Description - 423B-001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Advanced Semiconductor
5082-2794 ASI-5082-2794 Datasheet
22Kb / 1P
   SCHOTTKY LOW BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com