Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-C546RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-C546RD
Description  bright red chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-C546RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-C546RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-C546RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-C546RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--C
C5
54
46
6R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
Package Dimensions :
8.0(.315)
3.0(.118)MIN.
19.0(.748)
1.5(.059)
12.7(.500)
25.0(.984)
MARK
2.54x8=20.32(.800)
0.50(.020)
14.20(.560)
xxxxxx
8.0(.315)
8
15.24(.600)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.56 inch (14.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1. The BD-C546RD is a 14.2mm(0.56")
high dual digit seven segments display.
2. This product use super red chips,
which are made from AlGaAs on
GaAs substrate.
3. This product have a black face and
white segments.
4. This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
2.1
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BD-C546RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-C546RD ETC1-BD-C546RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Similar Description - BD-C546RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BA-10H1UD BRIGHT-BA-10H1UD Datasheet
191Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A545RD BRIGHT-BD-A545RD Datasheet
180Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A405ND BRIGHT-BD-A405ND Datasheet
174Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-F305RD BRIGHT-BD-F305RD Datasheet
199Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E505RD BRIGHT-BD-E505RD Datasheet
179Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A515RE BRIGHT-BD-A515RE Datasheet
201Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-F405RD BRIGHT-BD-F405RD Datasheet
214Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com