Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1525A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # E1525A
Description  8/16-Channel D/A Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E1525A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  E1525A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E1525A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E1525A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E1525A Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fast Updates
All outputs can be updated with
register-level programming to
allow fast backplane access. Rates
are limited by controller speed
and analog settling time. Each
channel can be updated indi-
vidually, or by using the internal
data buffer, synchronized so that
all channels change at the same
time. The channel output mode is
set with jumpers in the terminal
block for each channel or by
register programming.
In-place Calibration
Each D/A converter can be cali-
brated without removal through
software commands and use
of the terminal block CALBUS
in conjunction with a 5.5-digit
multimeter. In addition, a built-in
self-test command provides a
high level of confidence that the
module is operating properly.
Choice of Connectors
The easy-to-use on/off terminal
block, a feature of QUIC, comes
with standard screw terminals
for field wiring. Optional crimp
and insert or ribbon cable connec-
tors are available. Each channel
contains a programmable output
disconnect relay to open or close
the channel.
Product Specifications
DC Voltage
Amplitude:
± 16 V max.
Resolution:
16 bits (488 µV steps) Monotonic to 2.0 mV
Amplitude accuracy (dc):
± (0.05% + 3.0 mV) (90 days)
DC Current
Range:
0 to ± 20.00 mA
Resolution:
16 bit (610 nA steps) Monotonic to 25 µA
Accuracy:
± (% value + amps) (calibrated;
temperature within ± 5 °C of
calibration temperature and
same load as at calibration)
90-day:
± (0.09% + 5.0 µA)
Output voltage:
Compliance voltage:
± 12 V
Max open circuit voltage:
<18 V
Output current:
Compliance current:
>20 mA @ 0 to ± 12 V derated
linearly to 5 mA @ ± 16 mV
Short circuit current:
<40 mA
Differential ripple and noise:
<2 µA rms (20 Hz - 250 kHz, into 250 Ω load)
AC Output
Sample rate:
1 kSa/s per channel
Modulation:
No
Sweep:
No
Amplitude accuracy (ac):
Not specified
Standard waveforms:
No
Arbitrary waveform function:
No
General Characteristics
Settling time:
300 µs (+ full scale to – full scale step,
single channel, to rated accuracy)
Isolation:
42 Vdc/ac peak (channel-to-chassis or
channel-to-channel)
Synchronization:
Software commands, external trigger inputs, or
TTL backplane trigger lines provide a choice of
synchronizing event. Each individual channel can
be updated by software command or all channels
can be updated at the same time based upon a
software or hardware trigger.


Similar Part No. - E1525A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
E1520 3M-E1520 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
E1520H 3M-E1520H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
logo
General Cable Technolog...
E1522S GENERAL-E1522S Datasheet
75Kb / 1P
   2C 14 SOLID BC SRPVC PVC Fire Alarm/Life Safety Cable
E1524S GENERAL-E1524S Datasheet
73Kb / 1P
   4C 14 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
logo
MORNSUN Science& Techno...
E1524S-1WR3 MORNSUN-E1524S-1WR3 Datasheet
2Mb / 6P
   1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output
2022.08.08
More results

Similar Description - E1525A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1418A KEYSIGHT-E1418A Datasheet
545Kb / 4P
   8/16-Channel D/A Converter
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Hitachi Semiconductor
HD49307 HITACHI-HD49307 Datasheet
37Kb / 8P
   Three-Channel 8-bit D/A Converter
logo
Fujitsu Component Limit...
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
   6-Channel 8-BIT A/D Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com