Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E323RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-E323RD
Description  yellow chips, which are made from GaAsP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E323RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BD-E323RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E323RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E323RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E3
32
23
3R
RD
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.0
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
2.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
585
-
nm
Dominant Wave Length
λ
d
IF=10mA
587
-
594
nm
Spectral Line Half-width
∆λ
IF=10mA
-
35
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BD-E323RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-E323RD ETC-BD-E323RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Similar Description - BD-E323RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BA-8Y6UW BRIGHT-BA-8Y6UW Datasheet
195Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-C403ND BRIGHT-BD-C403ND Datasheet
184Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-3Y12UW BRIGHT-BA-3Y12UW Datasheet
150Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BL-B6Y120-3P BRIGHT-BL-B6Y120-3P Datasheet
159Kb / 2P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A543RD BRIGHT-BD-A543RD Datasheet
250Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-12Y3UD BRIGHT-BA-12Y3UD Datasheet
163Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-10Y1UD BRIGHT-BA-10Y1UD Datasheet
192Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-F523RD BRIGHT-BD-F523RD Datasheet
183Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A403ND BRIGHT-BD-A403ND Datasheet
181Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com