Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3102LR-35 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS3102LR-35
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102LR-35 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3102LR-35 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102LR-35 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3102
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage
Maximum Junction Temperature
+125
°C
Operating
21V
Storage Temperature
-65
°C to +150°C
Overvoltage Protection
24V to 40V
Lead Temperature (Soldering 25 sec)
265
°C
Internal Power Dissipation (Note 4)
Internally Limited
ESD
2000V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =VO +1V, IO =10mA, TJ=25°C, C2 = 22µF unless otherwise specified.
PARAMETER
CONDITIONS
AMS3102A-X
Min.
Typ.
Max.
AMS3102-X
Min.
Typ.
Max.
Units
Fixed Output Voltage Versions
Output Voltage Tolerance
-1.0
+1.0
-3.0
+3.0
%
(VIN+1V) ≤V
IN
≤21V, I
O=100 mA
-40
°C ≤T
J
≤125°C
- 3.0
+ 3.0
± 5.0
%
Line Regulation
(VIN+1V) ≤V
IN
≤ 15V
9V
≤V
IN
≤ 21V
5
8
10
30
5
8
10
30
mV
mV
Load Regulation
5mA
≤I
O
≤ 100 mA
5mA
≤10 ≤ 200 mA
30
50
50
70
30
50
50
70
mV
mV
Dropout Voltage
I
O
= 100 mA
I
O
= 200 mA
0.25
0.5
0.3
0.6
0.3
0.5
0.4
0.6
mV
mV
Quiescent Current
I
O
≤ 10 mA,
I
O
= 100 mA
I
O
≤ 200 mA (Note 5)
0.3
3
9
0.5
4
12
0.3
3
9
0.5
4
12
mA
mA
mA
Output Noise Voltage
10Hz-100kHz, COUT = 100µF
500
500
µV rms
Output Impedance
100mADC and 10mArms,100Hz=10kHz
200
200
m
Ripple Rejection
fO =120Hz
55
80
80
dB
Maximum Operational Input
Voltage
21
22
21
22
V
Maximum Line Transient
RL = 500Ω, VO ≤ 5.5V
T = 1ms,
τ ≤100ms
35
40
35
40
V
Reverse Polarity Input Voltage,
D/C
-35
-40
-35
-40
V
Reverse Polarity Input Voltage,
Transient
RL = 500Ω, T = 1ms, τ ≤100ms
-35
-40
-35
-40
V


Similar Part No. - AMS3102LR-35

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102L-20 ADMOS-AMS3102L-20 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102L-25 ADMOS-AMS3102L-25 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102L-30 ADMOS-AMS3102L-30 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102L-33 ADMOS-AMS3102L-33 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102L-35 ADMOS-AMS3102L-35 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102LR-35

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com