Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS667LSGTN-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS667LSGTN-T
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSGTN-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS667LSGTN-T Datasheet HTML 3Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS667LSGTN-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
Single-sided PCB with copper limited to solder pads
126
ºC/W
Two-sided PCB with copper limited to solder pads and 3.57 in.2
(23.03 cm2) of copper area each side, connected to GND pin
84
ºC/W
*Additional information is available on the Allegro website.
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(R JA = 126 ºC/W)
(R JA = 84 ºC/W)
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA = 126
ºC/W)
(R
JA = 84
ºC/W)


Similar Part No. - ATS667LSGTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
More results

Similar Description - ATS667LSGTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
   True Zero-Speed High-Accuracy Gear Tooth Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
   True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
   True Zero Speed Miniature Gear Tooth Sensor
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com