Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS758KCB-150B-PSS-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS758KCB-150B-PSS-T
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758KCB-150B-PSS-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS758KCB-150B-PSS-T Datasheet HTML 1Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 2Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 3Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 4Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 5Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 6Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 7Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 8Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS1 valid at T
OP = –40°C to 150°C and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
3
5.0
5.5
V
Supply Current
ICC
Output open
10
13.5
mA
Power-On Delay
tPOD
TA = 25°C
10
μs
Rise Time2
tr
IP step = 60% of IP+, 10% to 90% rise time, TA = 25°C,
COUT = 0.47 nF
–3–
μs
Propagation Delay Time2
tPROP
TA = 25°C, COUT = 0.47 nF
1
μs
Response Time
tRESPONSE
Measured as sum of tPROP and tr
–4–
μs
Internal Bandwidth3
BWi
–3 dB; TA = 25°C, COUT = 0.47 nF
120
kHz
Output Load Resistance
RLOAD(MIN)
VIOUT to GND
4.7
Output Load Capacitance
CLOAD(MAX)
VIOUT to GND
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
100
μΩ
Symmetry2
ESYM
Over half-scale of Ip
99
100
101
%
Quiescent Output Voltage4
VIOUT(Q)
IP = 0 A, TA = 25°C
VCC/2
V
Ratiometry2
VRAT
VCC = 4.5 to 5.5 V
100
%
1Device is factory-trimmed at 5 V, for optimal accuracy.
2See Characteristic Definitions section of this datasheet.
3Calculated using the formula BWi = 0.35 / tr.
4VIOUT(Q) may drift over the lifetime of the device by as much as ±25 mV.


Similar Part No. - ACS758KCB-150B-PSS-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758KCB-150B-PSS-T ALLEGRO-ACS758KCB-150B-PSS-T Datasheet
649Kb / 21P
   The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS758KCB-150B-PSS-T ALLEGRO-ACS758KCB-150B-PSS-T Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
More results

Similar Description - ACS758KCB-150B-PSS-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
   High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com