Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1354KKTTN-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1354KKTTN-T
Description  High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1354KKTTN-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1354KKTTN-T Datasheet HTML 1Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 2Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 3Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 4Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 5Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 6Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 7Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 8Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PROGRAMMING CHARACTERISTICS Valid over full operating voltage range and TA= 25°C, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
PRE-PROGRAMMING TARGET2
Pre-Programming Quiescent Duty Cycle
Output
D(Q)PRE
B = 0 G
50
%
Pre-Programming Sensitivity
SensPRE
0.08
%/G
Pre-Programming PWM Output Carrier
Frequency
fPWMPRE
150
Hz
QUIESCENT DUTY CYCLE PROGRAMMING
Initial Quiescent Duty Cycle Output3
D(Q)UNIinit Unipolar device, B = 0 G
20
%
D(Q)BIinit
Bipolar device, B = 0 G
D(Q)PRE
–%
Guaranteed Quiescent Duty Cycle
Programming Range4
D(Q)UNI
Unipolar device, B = 0 G
10
30
%
D(Q)BI
Bipolar device, B = 0 G
40
60
%
Quiescent Duty Cycle Output5
Programming Bits
Coarse (range programming)
1
bit
Fine (value adjustment)
9
bit
Average Quiescent Duty Cycle Output
Step Size6,7
StepD(Q)
0.055
0.075
0.095
%
Quiescent Duty Cycle Output
Programming Resolution8
ErrPGD(Q)
StepD(Q)
× ±0.5
–%
SENSITIVITY PROGRAMMING
Initial Sensitivity
Sensinit
SensPRE
%/G
Guaranteed Sensitivity Programming
Range9
Sens
0.1
0.2
%/G
Sensitivity Programming Bits
8
bit
Average Sensitivity Step Size6,7
StepSENS
600
800
900
μ
%/G
Sensitivity Programming Resolution8
ErrPGSENS
StepSENS
× ±0.5
μ
%/G
CARRIER FREQUENCY PROGRAMMING
Initial Carrier Frequency
fPWM(slow)init
–19–
Hz
fPWM(fast)init
–fPWMPRE
–Hz
Guaranteed Carrier Frequency
Programming Range9
fPWM(slow)
12
15.5
Hz
fPWM(fast)
95
115
Hz
Coarse Carrier Frequency Programming
Bits10
Coarse (range programming)
1
bit
Fine (value adjustment)
4
bit
Average Carrier Frequency Step Size6,7
StepfPWM(slow)
0.5
0.8
1.1
Hz
StepfPWM(fast)
4.5
6.4
8.3
Hz
Carrier Frequency Programming
Resolution8
ErrPGfPWM
StepfPWM
× ±0.5
–Hz
Continued on the next page…
High Precision 2-Wire Linear Hall Effect Sensor IC
with Pulse Width Modulated Output
A1354
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1354KKTTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
   High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
More results

Similar Description - A1354KKTTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
   High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1351 ALLEGRO-A1351 Datasheet
669Kb / 24P
   High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
logo
Micronas
HAL856 MICRONAS-HAL856 Datasheet
990Kb / 42P
   Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com