Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1120LLHLX-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1120LLHLX-T
Description  Chopper Stabilized Precision Hall Effect Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1120LLHLX-T Datasheet(HTML) 6 Page - Allegro MicroSystems

  A1120LLHLX-T Datasheet HTML 1Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 2Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 3Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 4Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120 and
A1125
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Chopper Stabilization Technique
When using Hall effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall ele-
ment. This makes it difficult to process the signal while main-
taining an accurate, reliable output over the specified operating
temperature and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
Dynamic Quadrature Offset Cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process. The undesired offset signal is separated
from the magnetic field-induced signal in the frequency domain,
through modulation. The subsequent demodulation acts as a
modulation process for the offset, causing the magnetic field
induced signal to recover its original spectrum at baseband, while
the dc offset becomes a high-frequency signal. The magnetic
sourced signal then can pass through a low-pass filter, while the
modulated DC offset is suppressed. This configuration is illus-
trated in figure 2.
The chopper stabilization technique uses a 400 kHz high fre-
quency clock. For demodulation process, a sample and hold
technique is used, where the sampling is performed at twice the
chopper frequency (800 kHz). This high-frequency operation
allows a greater sampling rate, which results in higher accuracy
and faster signal-processing capability. This approach desensi-
tizes the chip to the effects of thermal and mechanical stresses,
and produces devices that have extremely stable quiescent Hall
output voltages and precise recoverability after temperature
cycling. This technique is made possible through the use of a
BiCMOS process, which allows the use of low-offset, low-noise
amplifiers in combination with high-density logic integration and
sample-and-hold circuits.
The repeatability of magnetic field-induced switching is affected
slightly by a chopper technique. However, the Allegro high
frequency chopping approach minimizes the affect of jitter and
makes it imperceptible in most applications. Applications that are
more likely to be sensitive to such degradation are those requiring
precise sensing of alternating magnetic fields; for example, speed
sensing of ring-magnet targets. For such applications, Allegro
recommends its digital device families with lower sensitivity
to jitter. For more information on those devices, contact your
Allegro sales representative.
Figure 2. Model of chopper stabilization technique


Similar Part No. - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com