Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6210 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6210
Description  3 A, 2 MHz Buck-Regulating LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6210 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6210 Datasheet HTML 1Page - Allegro MicroSystems A6210 Datasheet HTML 2Page - Allegro MicroSystems A6210 Datasheet HTML 3Page - Allegro MicroSystems A6210 Datasheet HTML 4Page - Allegro MicroSystems A6210 Datasheet HTML 5Page - Allegro MicroSystems A6210 Datasheet HTML 6Page - Allegro MicroSystems A6210 Datasheet HTML 7Page - Allegro MicroSystems A6210 Datasheet HTML 8Page - Allegro MicroSystems A6210 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
The A6210 is a buck regulator that uses valley current-mode
control. This control scheme allows very short switch on-times
to be achieved, making it ideal for applications that require
high switching frequencies combined with high input voltages
and low output LED span voltages.
Low system cost is accomplished through high switching
frequencies of up to 2.0 MHz, allowing smaller and lower value
inductors and capacitors. In addition, few external components
are required through high levels of integration. Optimal drive
circuits minimize switching losses.
The switching frequency is maintained constant, as the on-time
is modulated by the input voltage. This feed-forward control
ensures excellent line correction. The on-time is set by an
external resistor pulled-up to the input supply.
Internal housekeeping and bootstrap supplies are provided
whichrequiretheadditionofonlyonesmallceramiccapacitor.A
top-off charge pump ensures correct operation at light loads.
Internal diagnostics provide comprehensive protection against
input undervoltages and overtemperatures.
The device package is a 16-contact, 4 mm × 4 mm, 0.75 mm
nominal overall height QFN, with exposed pad for enhanced
thermal dissipation. It is lead (Pb) free, with 100% matte tin
leadframe plating.
6210-DS, Rev. 1
Features and Benefits
▪ User-configurable on-time, achieving switching
frequencies up to 2.0 MHz
▪ Brightness control through PWM of DIS pin
▪ Minimal external components required
▪ No output capacitor required
▪ Wide input voltage range: 9 to 46 V
▪ Low 0.18 V sense voltage for higher efficiency
▪ Output Current: up to 3.0 A
▪ Low standby current <100 μA
▪ Thermal shutdown
▪ Supplied in a thermally-enhanced 4 mm QFN package
3 A, 2 MHz Buck-Regulating LED Driver
Applications:
Typical Application
A6210
GND
NC
L
D1
LED1
LED2
LED3
1
68 μH
LX
VIN
ISEN
SGND
A 6210
TON
22 nF
R1
150 kΩ
C1
1.0 μF
390 mΩ
DIS
PWM or Switch
R2
C2
BOOT
VIN
24 V
LED span voltage = 10.5 V
Average LED current = 500 mA
Peak to peak current = 60 mA
Switching frequency = 1.4 MHz
Efficiency = 90.5%
Package 16-contact QFN (suffix EU):
▪ High brightness LEDs
▪ LED driver modules, power supplies and lamps, such as
MR16 and MR11
4 mm × 4 mm × 0.75 mm
Suggested Parts
Name
Description
Manufacturer - Part Number
C1
1 μF, 25V, X5R or X7R ceramic, 1210
Taiyo Yuden, TDK
C2
22 nF, 50V, X5R or X7R ceramic, 0805
D1
1 A, 30 V, Schottky diode
L1
68 μH, 1 A inductor
Taiyo Yuden - NR 6045T 680M
R1
180 kΩ, 1%, 0805
R2
390 mΩ, 1%, 0805


Similar Part No. - A6210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
More results

Similar Description - A6210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6323 ONSEMI-NCV6323 Datasheet
293Kb / 16P
   3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
   1.2 A Buck LED Driver
logo
Texas Instruments
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com