Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527248NCP2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527248NCP2
Description  EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527248NCP2 Datasheet(HTML) 2 Page - Glenair, Inc.

  527248NCP2 Datasheet HTML 1Page - Glenair, Inc. 527248NCP2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-25
CAGE Code 06324
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. ARINC 600 Series Connector Backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the
connector manufacturer, the backshell may require special design alterations to mate properly. Prior to ordering, consult factory with
connector partnumbers not shown in the Part Number Development to ensure a proper fit.
D
Max
1.770 (45.0)
1.770 (45.0)
1.300 (33.0)
1.890 (48.0)
1.890 (48.0)
1.300 (33.0)
TABLE I: CABLE ENTRY
F
Min
.780 (19.8)
.780 (19.8)
.470 (11.9)
.850 (21.6)
.850 (21.6)
.470 (11.9)
Port
A
B
C
D
E
F
C
Min
1.091 (27.7)
1.091 (27.7)
.630 (16.0)
1.217 (30.9)
1.217 (30.9)
.630 (16.0)
E
+.031 (0.8)
.826 (21.0)
.826 (21.0)
.460 (11.7)
.826 (21.0)
.826 (21.0)
.460 (11.7)
527-248
EMI/RFI Shield Sock Backshell
with Strain-Relief and 30° Cable Entries
for Size 3 ARINC 600 Series Connectors
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE II:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.
TABLE III: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the
insert retainer plates. Due to non-standard modifications by the
connector manufacturer, the backshell may require special design
alterations to mate properly. The following should be used to
determine if a backshell modification is required. Prior to ordering,
consult factory with connector part numbers not shown to ensure a
proper fit.
Connector
Designator
P
P1
P2
P3
P5
P6
Connector Description
All Manufacturer’s Plug and Receptacle Shells, Except
for Those Listed Below (Prior to ordering, consult factory
with connector part numbers not listed below to ensure a
proper fit.)
Cannon BKAD****322 Series Plug
Cannon/Radiall Environmental Plug
Cannon/Boeing BACC 66 Plug
Radiall/Boeing BACC66 Plug
Cannon BKAC & BKAE XXX322 Series Environmental
Plug


Similar Part No. - 527248NCP2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527243B GLENAIR-527243B Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243J GLENAIR-527243J Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243LF GLENAIR-527243LF Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243M GLENAIR-527243M Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243N GLENAIR-527243N Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
More results

Similar Description - 527248NCP2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com