Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527255NCB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527255NCB
Description  EMI/RFI Strain-Relief Banding Backshell for Radial EPXB Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527255NCB Datasheet(HTML) 1 Page - Glenair, Inc.

  527255NCB Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-10
CAGE Code 06324
Lug, Screw
(Not
Supplied)
and Shield
Termination
shown for
Reference
Only
.051 (1.3)
Cable Range
.500 / .750
(12.7 / 19.1)
.551 (14.0)
2 Places
1.250
(31.8)
1.153 (29.3)
2 Places
.665
(16.9)
Protective Sleeve
Alternate Shaft Location
M8 x .75 Thread
.718 (18.2)
.600 (15.2)
1.725
(43.8)
1.780
(45.2)
.822
(20.9)
Max
1.343
(34.1)
Max
3.788
(96.2)
527-255
EMI/RFI Strain-Relief Banding Backshell
for Radial EPXB Connector
527 255 M B
Product Series
Basic Number
B = Band
(Omit for None)
Finish (Table I)
Metric dimensions (mm) are indicated in parentheses
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE I: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Symbol
NC
NF
T
U**
ZN
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab


Similar Part No. - 527255NCB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527251B02 GLENAIR-527251B02 Datasheet
121Kb / 1P
   EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B03 GLENAIR-527251B03 Datasheet
121Kb / 1P
   EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B04 GLENAIR-527251B04 Datasheet
121Kb / 1P
   EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B31 GLENAIR-527251B31 Datasheet
121Kb / 1P
   EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B33 GLENAIR-527251B33 Datasheet
121Kb / 1P
   EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
More results

Similar Description - 527255NCB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527268B GLENAIR-527268B Datasheet
127Kb / 1P
   EMI-RFI Qwik-Ty Banding Backshell for Radial EPXB Connector
527276B GLENAIR-527276B Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com