Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527527NP3A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527527NP3A
Description  EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527527NP3A Datasheet(HTML) 1 Page - Glenair, Inc.

  527527NP3A Datasheet HTML 1Page - Glenair, Inc. 527527NP3A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-4
CAGE Code 06324
.250 (6.4)
Tapped for #6-32 Screw
(2 Holes each Half)
.770 (19.6)
1.250
(31.8)
Max
E Closed
without Braid Sock
3.750
(95.3)
Captivated
Self-Locking
Telescoping
Screws
C Closed
with Braid Sock
Port A
1.000
(25.4)
D Typ
5.620
(142.7)
CLAMP STYLE 2
with Braid Sock
(447HS557-***)
CLAMP STYLE 1
Strain Relief
without Braid Sock
(620HS042-***)
Port B
Braid Sock
Port C
Braid Sock
.4.360 (110.7)
Metric dimensions (mm) are indicated in parentheses.
527-257
EMI/RFI Shield Sock Strain-Relief Backshell
for Size 1 ARINC 600 Series Connectors
Product Series
Basic Number
Finish (Table II)
Connector Designator (See Note 2)
P = All manufacturers' Plug
and Receptacle Shells
except the following:
P1 = Cannon BKAD****322 Series Plug
P2 = Cannon BKAC & BKAE Series
Environmental Plug
P3 = Cannon/Boeing BACC66 Plug
P5 = Radiall/Boeing BACC66 Plug
Port (Omit for None)
Dash No. (Table I)
(Omit for None)
Clamp Style
Port (Omit for None)
Dash No. (Table I)
(Omit for None)
Clamp Style
Port (Omit for None)
Dash No. (Table I)
(Omit for None)
Clamp Style
527 257 NF P A 1 4 B 2 4 C 2 3


Similar Part No. - 527527NP3A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
52752 MACOM-52752 Datasheet
53Kb / 1P
   WIDE SPLICE COPALUM-PARALLEL-STRRANDED
52752 MACOM-52752 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
More results

Similar Description - 527527NP3A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
527248BP GLENAIR-527248BP Datasheet
105Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com