Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550S041M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 550S041M
Description  D-Subminiature TAG Ring Split Backshell with Shrink Boot Groove
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

550S041M Datasheet(HTML) 1 Page - Glenair, Inc.

  550S041M Datasheet HTML 1Page - Glenair, Inc. 550S041M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
A-40
CAGE Code 06324
Basic Part No.
Cable Entry Style
T = Top
S = Side
E = End
Basic Part Number
Finish Symbol (Page 3)
Shell Size (Table I)
550-041
D-Subminiature TAG Ring® Split Backshell
with Shrink Boot Groove
550 T 041 M 2 F0 B 1 L T
Shrink Boot Supplied (Table I), Omit for None
L = Strain Relief, G = Gland Nut
0 = Without EMI Gasket, 1 = With EMI Gasket
Jackscrew Type (Page A-4)
Receptacle Mounting (Right Page)
F0 = Front Mounting
R1-R9 = Rear Mounting
1. Metric dimensions (mm) are indicated in parentheses.
2.
DO NOT USE CONNECTORS WITH FLOAT MOUNTINGS.
3. TAG Ring® nut is aluminum with gold iridite finish. TAG Ring® spring is beryllium copper with gold
plating.
T
TOP
ENTRY
E
END
ENTRY
S
SIDE
ENTRY
1.19 (30.2) Max Typ.
K
Typ.
Style G
Gland Nut
Shrink Boot
Accomodation
J
Typ.
H
Entry
Typ.
EMI Gasket (Optional)
Style L
Strain Relief
H
Entry
L
.750 (19.1)
Max
Shell
Size
1
2
3
4
5
6*
TABLE I: SHELL SIZE, CABLE ENTRY & SHRINK BOOT
H
Entry
.250
(6.4)
.375
(9.5)
.475 (12.1)
.475 (12.1)
.575 (14.6)
1.000 (25.4)
J
Max
.545 (13.8)
.670 (17.0)
.795 (20.2)
.795 (20.2)
.920 (23.4)
1.295 (32.9)
K Dia
Max
.650 (16.5)
.774 (19.7)
.963 (24.5)
.963 (24.5)
1.042 (26.5)
1.420 (36.1)
L
Max
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.156 (29.4)
1.218 (30.9)
1.593 (40.5)
* Shell Size 6 Available in Top Entry Only.
Shrink
Boot
202K121-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K163-25-0


Similar Part No. - 550S041M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
550S048M GLENAIR-550S048M Datasheet
116Kb / 2P
   D-Subminiature Split Tinel-Lock Banding Backshell
More results

Similar Description - 550S041M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
557-130M2 GLENAIR-557-130M2 Datasheet
96Kb / 2P
   D-Subminiature TAG Ring Solid Backshell
550T024M GLENAIR-550T024M Datasheet
123Kb / 2P
   D-Subminiature Split Banding Backshell
550-018M2 GLENAIR-550-018M2 Datasheet
44Kb / 2P
   D-Subminiature Potting Split Backshell
550T039M GLENAIR-550T039M Datasheet
120Kb / 2P
   D-Subminiature Banding Split Backshell
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
400AH015M08 GLENAIR-400AH015M08 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400AC015M08 GLENAIR-400AC015M08 Datasheet
76Kb / 2P
   TAG Ring Backshell with Strain Relief
400AC001M08 GLENAIR-400AC001M08 Datasheet
69Kb / 2P
   TAG Ring Backshell with Strain Relief
400AH001M08 GLENAIR-400AH001M08 Datasheet
69Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA002M08 GLENAIR-400AA002M08 Datasheet
63Kb / 2P
   TAG Ring Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com