Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1476-80011 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E1476-80011
Description  64-Channel 3-Wire T/C Relay Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E1476-80011 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E1476-80011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
General Specifications
VXI Characteristics
VXI device type:
Register-based,
A16, slave only
Size:
C
Slots:
1
Connectors:
P1/2
Shared memory:
None
VXI busses:
None
C-size capability:
n/a
Instrument Drivers
See the Agilent Technologies Website
http://www.agilent.com/find/inst_drivers
for availability and downloading.
Command module
Downloadable
firmware:
Command module firmware rev.:
A.06
I-SCPI Win 3.1:
Yes
I-SCPI Series 700:
Yes
C-SCPI LynxOS:
Yes
C-SCPI Series 700:
Yes
Panel Drivers:
Yes
VXIplug&play Win Framework:
Yes
VXIplug&play Win 95/NT Framework: Yes
VXIplug&play HP-UX Framework:
No
Module Current
IPM
IDM
+5 V:
0.1
0.1
+12 V:
0
0
-12 V:
0
0
+24 V:
0
0
-24 V:
0
0
-5.2 V:
0
0
-2 V:
0
0
Cooling Slot
Watts/slot:
4.00
∆P mm H2O:
0.10
Air Flow liter/s:
0.30
Ordering Information
Description
Product No.
64-channel 3-wire T/C Relay Multiplexer
E1476A
Pre-QUIC-type terminal block
E1476A 106
Crimp-and-insert terminal block**
E1476A A3E**
Service Manual
E1476A OB3
Extra pre-QUIC-type terminal block (if ordered seperately)
E1476-80000
Extra QUIC-type terminal block (if ordered seperately)
E1476-80010
Extra crimp-and-insert terminal block (if ordered seperately)**
E1476-80011**
Notes:
** Crimp-and-insert contacts are not included.
Crimp-and-insert contacts order 1252-6533 or ERNI 014728
Crimp-and-insert tools
Hand crimp tool 8710-2306 or ERNI 014374
Pin extractor tool 8710-2307 or ERNI 471555
Extra crimp and insert connectors
96 pin connector body 1252-6532 or ERNI 024069
160 pin connector body 1252-6531 or ERNI 024070
Agilent E1476A Circuit Diagram
Agilent E1476A terminal block


Similar Part No. - E1476-80011

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1476A KEYSIGHT-E1476A Datasheet
425Kb / 4P
   Agilent E1476A 64-Channel 3-Wire T/C Relay Multiplexer
More results

Similar Description - E1476-80011

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1476A KEYSIGHT-E1476A Datasheet
425Kb / 4P
   Agilent E1476A 64-Channel 3-Wire T/C Relay Multiplexer
E1460A KEYSIGHT-E1460A Datasheet
335Kb / 6P
   64-Channel Relay Multiplexer
E8462A KEYSIGHT-E8462A Datasheet
251Kb / 5P
   256-Channel Armature Relay Multiplexer
E8460A KEYSIGHT-E8460A Datasheet
293Kb / 5P
   256-Channel Reed Relay Multiplexer
logo
National Instruments Co...
PXI-2567 NI-PXI-2567 Datasheet
182Kb / 3P
   64-Channel External Relay Driver
PXI-2575 NI-PXI-2575 Datasheet
524Kb / 3P
   196x1 1-wire, 98x1 2-wire multiplexer/Onboard relay counting
logo
Aeroflex Circuit Techno...
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
   MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8509 AEROFLEX-MUX8509 Datasheet
387Kb / 8P
   MUX8509 64-Channel Analog Multiplexer Module Radiation Tolerant
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
   8-Channel Multiplexer (3-state)
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com