Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52722008005NC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 52722008005NC
Description  Strain-Relief Backshell for Hughes MRS Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

52722008005NC Datasheet(HTML) 2 Page - Glenair, Inc.

  52722008005NC Datasheet HTML 1Page - Glenair, Inc. 52722008005NC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-5
CAGE Code 06324
527-220
Strain-Relief Backshell
for Hughes MRS Connectors
Shell
Size
020
036
052
080
158
212
A
1.300 (33.0)
1.750 (44.5)
1.900 (48.3)
2.045 (51.9)
2.500 (63.5)
2.500 (63.5)
TABLE I: CONNECTOR INTERFACE DIMENSIONS
B
0
0
.550 (14.0)
.812 (20.6)
1.250 (31.8)
1.850 (47.0)
C
+.031 (.8)
1.858 (47.2)
2.308 (58.6)
2.458 (62.4)
2.603 (66.1)
3.062 (77.8)
3.062 (77.8)
D
+.031 (.8)
1.013 (25.7)
1.013 (25.7)
1.293 (32.8)
1.542 (39.2)
2.047 (52.0)
2.573 (65.4)
MAX DASH NO
TABLE II
06
06
08
10
10
10
Dash
No
01
02
03
04
05
06
07
08
09
10
E
MAX
.448 (11.4)
.515 (13.1)
.640 (16.3)
.765 (19.4)
.920 (23.4)
1.015 (25.8)
1.140 (29.0)
1.265 (32.1)
1.432 (36.4)
1.515 (38.5)
TABLE II: CABLE ENTRY
F
MAX
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.219 (31.0)
1.343 (34.1)
1.469 (37.3)
1.594 (40.5)
1.719 (43.7)
1.844 (46.8)
CABLE ENTRY
MAX
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Metric dimensions (mm) are indicated in parentheses.
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.


Similar Part No. - 52722008005NC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527225B GLENAIR-527225B Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225J GLENAIR-527225J Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225LF GLENAIR-527225LF Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225M GLENAIR-527225M Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225N GLENAIR-527225N Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
More results

Similar Description - 52722008005NC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
52719702001B GLENAIR-52719702001B Datasheet
127Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
527S287B GLENAIR-527S287B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288B GLENAIR-527S288B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
   Strain Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
550T102M GLENAIR-550T102M Datasheet
134Kb / 2P
   Strain-Relief Split Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com