Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34420A-1CM Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 34420A-1CM
Description  NanoVolt/Micro-Ohm Meter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

34420A-1CM Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  34420A-1CM Datasheet HTML 1Page - Agilent(Hewlett-Packard) 34420A-1CM Datasheet HTML 2Page - Agilent(Hewlett-Packard) 34420A-1CM Datasheet HTML 3Page - Agilent(Hewlett-Packard) 34420A-1CM Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications
Accuracy Specifications ±(% of reading + % of range) 1
Function
Range2
Test Current
24 Hour
90 Day
1 Year
Temperature
Maximum
23 °C ± 1 °C
23 °C ± 5 °C
23 °C ± 5 °C
Coefficient
per Lead
0 °C—18 °C
Resistance
28 °C—55 °C
dc Voltage
1.0000000 mV3
0.0025 + .0020
0.0040 + .0020
0.0050 + .0020
0.0004 + .0001
10.000000 mV3
0.0025 + .0002
0.0040 + .0002
0.0050 + .0003
0.0004 + .0001
100.00000 mV
0.0015 + .0003
0.0030 + .0004
0.0040 + .0004
0.0004 + .00006
1.0000000 V
0.0010 + .0003
0.0025 + .0004
0.0035 + .0004
0.0004 + .00004
10.000000 V
0.0002 + .0001
0.0020 + .0004
0.0030 + .0004
0.0001 + .00002
100.00000 V4
0.0010 + .0004
0.0025 + .0005
0.0035 + .0005
0.0004 + .00005
Resistance 5
1.0000000 Ω
10 mA
0.0015 + .0002
0.0050 + .0002
0.0070 + .0002
0.0005 + .00002
1 Ω
10.000000 Ω
10 mA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
1 Ω
100.00000 Ω
10 mA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
10 Ω
1.0000000 KΩ
1 mA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
100 Ω
10.000000 KΩ
100 µA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
1 KΩ
100.00000 KΩ
10 µA
0.0015 + .0003
0.0040 + .0004
0.0060 + .0004
0.0005 + .00002
1 KΩ
1.0000000 MΩ
5 µA
0.0020 + .0003
0.0050 + .0004
0.0070 + .0004
0.0006 + .00003
1 KΩ
Low Power
1.0000000 Ω
10 mA
0.0015 + .0002
0.0050 + .0002
0.0070 + .0002
0.0005 + .00002
1 Ω
Resistance 5
10.000000 Ω
10 mA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
1 Ω
100.00000 Ω
1 mA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
10 Ω
1.0000000 KΩ
100 µA
0.0015 + .0002
0.0040 + .0002
0.0060 + .0002
0.0005 + .00001
100 Ω
10.000000 KΩ
10 µA
0.0015 + .0004
0.0040 + .0004
0.0060 + .0004
0.0005 + .00001
1 KΩ
100.00000 KΩ
5 µA
0.0015 + .0012
0.0040 + .0015
0.0060 + .0015
0.0005 + .00003
1 KΩ
1.0000000 MΩ
5 µA
0.0020 + .0003
0.0050 + .0004
0.0070 + .0004
0.0006 + .00003
1 KΩ
Voltage Limited
10.000000 Ω
1 mA
0.0020 + .0002
0.0050 + .0002
0.0070 + .0002
0.0005 + .00002
1 Ω
Resistance 5, 6
100.00000 Ω
100 µA
0.0025 + .0002
0.0050 + .0002
0.0070 + .0002
0.0005 + .00002
5 Ω
Channel 1 / Channel 2 (dcV Ratio)
Ratio Error in % = Channel 1 accuracy in % + Channel 2 accuracy in %
Channel 1-Channel 2 (dcV Difference)
Difference Error = Channel 1 (% of reading + % of range) + Channel 2 (% of reading + % of range)
Temperature
(resolution = 0.001 °C)
SPRT 7
SPRT Probe Accuracy + 0.003°C
RTD
RTD Probe Accuracy + 0.05°C
Thermistor
Thermistor Probe Accuracy + 0.1°C
Thermocouple 8
Thermocouple Probe Accuracy + 0.2°C
DC Voltage Noise 9
Observation Period
Range
2-Minute
2-Minute
24-Hour
RMS
Peak-Peak
Peak-Peak
Noise
Noise
Noise
1 mV
1.3 nVrms
8 nVpp
12 nVpp
10 mV
1.5 nVrms
10 nVpp
14 nVpp
100 mV
10 nVrms
65 nVpp
80 nVpp
1 V
100 nVrms
650 nVpp
800 nVpp
10 V
450 nVrms
3 µVpp
3.7 µVpp
100 V
11 µVrms
75 µVpp
90 µVpp
DC Voltage Noise vs Source Resistance 10
Source
Analog
Digital
Resistance
Noise
Filter
Filter
0 Ω
1.3 nVrms
Off
Med
100 Ω
1.7 nVrms
Off
Med
1k Ω
4 nVrms
Off
Med
10k Ω
13 nVrms
Off
Med
100k Ω
41 nVrms
On
Med
1M Ω
90 nVrms
On
Slow
1 Specifications are for Channel 1 or Channel 2, after 2-hour warm-up, resolution
at 7.5 digits (100 NPLC), with FILTERS off. RESISTANCE specifications are for
4-wire Ohms or 2-wire ohms using Null. Without Null, add 0.2 Ohms additional
error in 2-wire Ohms function. For Analog Filter ON, add 0.002% of reading.
2 20% overrange on all ranges except 5% on Voltage Limited Resistance.
3 After using Math Null. If Null is not used add 100 nanoVolts.
4 Channel 1 only.
5 Channel 1 only. Resistance measurements, for NPLC <1, add 160 µΩ rms
noise.
6 Voltage limit can be set to 20 mV (default), 100 mV, or 500 mV. Measured
resistance plus Channel 1 HI and LO lead resistance is limited to 10.5 Ω on the
10 Ω range and 105 Ω on the 100 Ω range.
7 For 25 Ω SPRT with triple-point of water check within the last 4 hours.
Without the triple-point of water check, add 0.013°C for 24 hours, add 0.035°C
for
90 day, and add 0.055°C for 1 year specifications.
8 For fixed reference junction. Add 0.3ûC for external reference junction, add
2.0ûC for internal reference junction.
9 After a 2-hour warm-up, ± 1ûC, 6.5 digits (10 PLC) with Analog Filter Off and
Digital Filter Medium (50 reading average).
2-minute rms and 24-hour noise typical. For measurements using 0.02 or 0.2
NPLC, add 800 nV rms noise.
10 Typical noise behavior for Ch 1 or Ch 2, after 2 hour warm-up, 6.5 digits (10
PLC), 2 minute observation period on 1 mV range. For peak-to-peak noise, mul-
tiply rms noise by 6.


Similar Part No. - 34420A-1CM

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34420A KEYSIGHT-34420A Datasheet
532Kb / 6P
   NanoVolt/Micro-Ohm Meter
logo
TDK Electronics
34420A TDK-34420A Datasheet
181Kb / 4P
   Inductors for power circuits Wound ferrite
20220712
More results

Similar Description - 34420A-1CM

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34420A KEYSIGHT-34420A Datasheet
532Kb / 6P
   NanoVolt/Micro-Ohm Meter
logo
Extech Instruments Corp...
UM200 EXTECH-UM200 Datasheet
169Kb / 1P
   High Resolution Micro-Ohm Meter
logo
Good Will Instrument Co...
GOM-801H GWINSTEK-GOM-801H Datasheet
534Kb / 1P
   D.C. MILLI-OHM METER
GOM-802 GWINSTEK-GOM-802 Datasheet
534Kb / 1P
   D.C. MILLI-OHM METER
logo
National Instruments Co...
PXIE-AI5100 NI-PXIE-AI5100 Datasheet
2Mb / 45P
   Expandable PXI bundle based on PXIe-4309 Nanovolt Meter, 32 Ch, 28 Bit, 2MS/s
May17
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249 Datasheet
49Kb / 9P
   51/2 Digit LCD, Micro-Power Event/Hour Meter
logo
Murata Manufacturing Co...
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249_01 Datasheet
162Kb / 9P
   5 1/2 Digit LCD, Micro-Power Event/Hour Meter
logo
Molex Electronics Ltd.
106503-2200 MOLEX11-106503-2200 Datasheet
34Kb / 1P
   Circular MT Receptacle MT Ferrule, 50/125 Micro Meter Fiber Core
106503-1200 MOLEX11-106503-1200 Datasheet
34Kb / 1P
   Circular MT Connector MT Ferrule, 50/125 Micro Meter Fiber Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com