Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS98A Datasheet(PDF) 5 Page - Motorola, Inc

Part # BUS98A
Description  30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS98A Datasheet(HTML) 5 Page - Motorola, Inc

  BUS98A Datasheet HTML 1Page - Motorola, Inc BUS98A Datasheet HTML 2Page - Motorola, Inc BUS98A Datasheet HTML 3Page - Motorola, Inc BUS98A Datasheet HTML 4Page - Motorola, Inc BUS98A Datasheet HTML 5Page - Motorola, Inc BUS98A Datasheet HTML 6Page - Motorola, Inc BUS98A Datasheet HTML 7Page - Motorola, Inc BUS98A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUS98 BUS98A
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage wa-
veforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10–90% Vclamp
tfi = Current Fall Time, 90–10% IC
tti = Current Tail, 10–2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the inductive switching waveforms is
shown in Figure 7 to aid in the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222:
PSWT = 1/2 VCCIC(tc) f
In general, trv + tfi ] tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
_C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user oriented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
INDUCTIVE SWITCHING
4
Figure 9. Storage Time, tsv
IC, COLLECTOR CURRENT (AMPS)
2
4
6
8 10
20
30
2
1
0.7
Figure 10. Crossover and Fall Times
Ib2/Ib1
2
Figure 11a. Turn–Off Times versus Forced Gain
βf, FORCED GAIN
4
6
8
0.5
0.2
0.03
0.8
Figure 11b. Turn–Off TM Times versus Ib2/Ib1
IC, COLLECTOR CURRENT (AMPS)
0.6
0.4
0.2
0.1
3
3
0.5
βf = 5
TC = 100°C
TC = 25°C
2
4
6
8 10
20
30
βf = 5
tc
tfi
TC = 100°C
TC = 25°C
2
1
0.3
0.1
0.05
10
tsv
tc
tfi
TC = 25°C
IC = 20 A
VBE(off) = 5 V
1
2
3
4
0.5
0.2
0.03
3
2
1
0.3
0.1
0.05
5
TC = 25°C
IC = 20 A
βf = 5
TC = 25°C
TC = 100°C
tsv
tc
tfi


Similar Part No. - BUS98A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUS98A ONSEMI-BUS98A Datasheet
324Kb / 8P
   SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
logo
New Jersey Semi-Conduct...
BUS98A NJSEMI-BUS98A Datasheet
194Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Inchange Semiconductor ...
BUS98A ISC-BUS98A Datasheet
186Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BUS98A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com