Electronic Components Datasheet Search |
|
557S283M Datasheet(PDF) 1 Page - Glenair, Inc. |
|
557S283M Datasheet(HTML) 1 Page - Glenair, Inc. |
|
1 / 1 page www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. A-94 CAGE Code 06324 557-283 D-Subminiature Lightweight Solid EMI/RFI Banding Backshell Metric dimensions (mm) are indicated in parentheses. .30 (7.6) Off-Set Size 3, 4, 5 1.00 (25.4) .32 (8.1) Typ .188 (4.8) Ref. ATyp Style T Top Entry Shell Sizes 3, 4, & 5 Style T Top Entry Shell Sizes 1 & 2 Style S Side Entry C Typ B Typ Style E End Entry 1.00 (25.4) Accomodates Micro Band 600-057 D E F 4-40 Thread Typ Style B Jackscrew Filister Head Connector Shown for Reference Only .250 (6.3) Typ Knurl or Flutes Mfg Option, Typ 557 T 283 M 3 B-06 B B = Band Supplied (600-057), Omit for None Entry Size (Table II) Jackscrew Style A = Male Socket Head Screw With Clip B = Male Screw With Clip H = Hex Head Jackscrew With Clip Shell Size (Table I) Style A Jackscrew Socket Head Entry Size 04 05 06 07 08* TABLE II: CABLE ENTRY & BACKSHELL DIMS D .250 (6.4) .312 (7.9) .375 (9.5) .437 (11.1) .500 (12.7) E .250 (6.4) .281 (7.1) .312 (7.9) .344 (8.7) .375 (9.5) * Available in shell size 5 only. F 1.25 (31.8) 1.38 (35.1) 1.38 (35.1) 1.50 (38.1) 1.50 (38.1) Shell Size 1 2 3 4 5 TABLE I: SHELL SIZE & CONNECTOR INTERFACE A Max 1.25 (31.8) 1.58 (40.1) 2.13 (54.1) 2.77 (70.4) 2.68 (68.1) B .530 (13.5) .530 (13.5) .530 (13.5) .530 (13.5) .660 (16.8) C ±.005 (.1) .984 (25.0) 1.312 (33.3) 1.852 (47.0) 2.500 (63.5) 2.406 (61.1) Basic Part No. Cable Entry Style T = Top Entry E = End Entry S = Side Entry Basic Part No. Finish Symbol (Page 3) |
Similar Part No. - 557S283M |
|
Similar Description - 557S283M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |