Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E7405A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # E7405A
Description  EMC Analyzers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E7405A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  E7405A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 6Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 7Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
These specifications apply to the Agilent
Technologies E7402A and E7405A EMC
analyzers.
Frequency Specifications
Frequency range
E7402A
dc coupled
100 Hz1 to 3.0 GHz
ac coupled
100 kHz1 to 3.0 GHz
E7405A
Band LO harmonic = N
0
1- dc coupled
30 Hz1 to 3.6 GHz
ac coupled
100 MHz to 3.6 GHz
1
1-
2.85 GHz to 6.7 GHz
2
2-
6.2 GHz to 13.2 GHz
3
4-
12.8 GHz to 19.2 GHz
4
4-
18.7 GHz to 26.5 GHz
Frequency reference
Aging
±1 x 10 –7/year
Temperature stability
±1 x 10 –8
Settability
±1 x 10 –8
Frequency readout accuracy
(start, stop, center, marker) ±(frequency indication
x frequency reference error2
+ span accuracy + 15% of RBW
+ 10 Hz) + 1 Hz x N3
Specifications
All specifications apply over 0 °C to +55 °C unless other-
wise noted and are covered by the product warranty. The
analyzer will meet its specifications when: it’s within the
one year calibration cycle, AUTO ALIGN [ALL] is selected,
stored a minimum 2 hours within the operating tempera-
ture range, turned on for at least 5 minutes, and Align
Now RF has been run once every 24 hour period. Typical per-
formance describes the level at which 80% of the units will
meet or exceed with a 95% confidence level over 20 to 30 °C,
but is not covered in the product warranty. Characteristics
describe expected product performance levels that are not
covered in the product warranty.
Agilent
E7400A Series EMC Analyzers
Data Sheet
1. Usable to 30 Hz
2. Frequency reference error = (aging rate x period of time since
adjustment + settability + temperature stability)
3. N = LO harmonic mixing mode


Similar Part No. - E7405A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E7405A HP-E7405A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E7405A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9938A KEYSIGHT-N9938A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9928A KEYSIGHT-N9928A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com