Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4294A-810 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 4294A-810
Description  Precision Impedance Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4294A-810 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  4294A-810 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4294A-810 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
DC Bias Function
DC voltage bias
Range
0 to ±40 V (see Figure 1)
Resolution
1 mV
Accuracy
±[0.1% + (5 + 30 X |Imon|) mV](at 23 ±5 °C)
±[0.2% + (10 + 30 X |Imon|) mV](beyond 23 ±5 °C)
DC current bias
Range
0 to ±100 mA (see Figure 1)
Resolution
40 µA
Accuracy
±[2% + (0.2 + |Vmon|/20) mA] (at 23 ±5 °C)
±[4% + (0.4 + |Vmon|/20) mA] (beyond 23 ±5 °C)
DC voltage bias at constant
voltage mode
Range
0 to ±40 V (see Figure 1)
Resolution
1 mV
Accuracy
±[0.5% + (5 + Zd X |Imon|) mV] (at 23 ±5 °C, typical)
±[1.0% + (10 + Zd X |Imon|) mV] (beyond 23 ±5 °C, typical)
DC current bias at constant current mode
Range
0 to ±100 mA (see Figure 1)
Resolution
40 µA
Accuracy
±[1% + (0.5 + |Vmon|/10000) mA] (at 23 ±5 °C, typical)
±[2% + (1.0 + |Vmon|/5000) mA] (beyond 23 ±5 °C, typical)
DC bias monitor
DC voltage range
(Same as the dc voltage bias setting range)
DC voltage accuracy
±[0.2% + (5 + Zd X |Imon|) mV] (at 23 ±5 °C)
±[0.4% + (10 + Zd X |Imon|) mV] (beyond 23 ±5 °C)
DC current range
(Same as the dc current bias setting range)


Similar Part No. - 4294A-810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
4294A TDK-4294A Datasheet
181Kb / 4P
   Inductors for power circuits Wound ferrite
20220712
4294A TDK-4294A Datasheet
251Kb / 4P
   Inductors for power circuits Wound ferrite
20221202
4294A TDK-4294A Datasheet
220Kb / 4P
   Common mode filters Automotive signal line (for power train/safety)
20221027
4294A+16034G TDK-4294A+16034G Datasheet
177Kb / 4P
   Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
More results

Similar Description - 4294A-810

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
   Impedance Analyzer
E4990A-001 KEYSIGHT-E4990A-001 Datasheet
4Mb / 30P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
E4991A HP-E4991A Datasheet
1Mb / 40P
   RF Impedance/Material Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
List of Unclassifed Man...
FLM-160808-R22K ETC-FLM-160808-R22K Datasheet
16Kb / 1P
   HP 4291B RF impedance/material analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com