Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87050E-008 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 87050E-008
Description  50 Ohm Multiport Test Sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87050E-008 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 87050E-008 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Type-N
Specification1 ( dB)
Typical (dB)
Parameter
3 MHz
1.3 GHz
3 MHz
1.3 GHz
2.2 GHz
to 1.3 GHz
to 2.2 GHz
to 1.3 GHz
to 2.2 GHz
to 3 GHz
Source match, ratioed
12
10
17
14
11
Load match, test port unselected2
18
18
23
24
20
Load match, test port selected3
12
12
16
17
13
Transmission tracking4
±3
±2.5
±3
Reflection tracking4
±3
±2.5
±3
Crosstalk5, 8712ET/8714ET
93
89
81
Crosstalk5, 8712ES/8714ES
83
79
71
System performance
Uncorrected
1. These specifications and supplementals apply under the following conditions: measurement uses the “Fine” (15 Hz) bandwidth, with narrowband detection and no averaging;
the test set must be used with an 8712ET, 8712ES, 8714ET, or 8714ES network analyzer with firmware revision E.06.00 or later; the test set and the analyzer must have had
their performance verified within the last year; both instruments must have warmed up for at least 30 minutes after turn-on.
2. This is the match of any test port that is unselected (not in the measurement path). If the network analyzer is performing a reflection measurement with one-port calibration,
then only one port on the test set is selected (the source port). If the network analyzer is performing a transmission measurement or a reflection measurement with two-port
calibration, then only two ports on the test set are selected (the source and load ports).
3. This is the match of the test set port that has been selected as the load port. The network analyzer must be making a transmission measurement or a reflection measurement
with two-port calibration for a test port to be selected as the load port.
4. The uncorrected tracking terms are defined as the deviation over the defined frequency band, ignoring offset loss.
5. Crosstalk is computed by normalizing the result of an isolation measurement to a through measurement between the two ports such that the path losses are taken into
account. Isolation is defined as the transmission signal measured between any two ports of the test system when those two ports are terminated with shorts.


Similar Part No. - 87050E-008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
870502 MOLEX11-870502 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
870504 MOLEX11-870504 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
More results

Similar Description - 87050E-008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
E5071C HP-E5071C Datasheet
3Mb / 65P
   Configurable Multiport Test Set
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
List of Unclassifed Man...
24-785 ETC2-24-785 Datasheet
28Kb / 1P
   TEST CONDITION:CONDUCTOR IMPEDANCE:10 OHM
logo
Littelfuse
P0084UCMCL LITTELFUSE-P0084UCMCL Datasheet
168Kb / 3P
   Multiport MicroCapacitance
logo
ERNI Electronics
354773 ERNI-354773 Datasheet
44Kb / 1P
   MESSERKONTAKT 50 OHM
logo
ADL Embedded Solutions
MSM8C104EX ADL-MSM8C104EX Datasheet
218Kb / 1P
   Multiport COM Board
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com