Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87050E-008 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 87050E-008
Description  50 Ohm Multiport Test Sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87050E-008 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 87050E-008 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 87050E-008 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Specification
Typical
System bandwidth
Fine
Fine
Med Wide
Wide
15 Hz
15 Hz
4000 Hz
6500 Hz
Network analyzer
3 MHz
1.3 GHz
3 MHz
1.3 GHz
3 MHz
1.3 GHz
3 MHz
1.3 GHz
to
to
to
to
to
to
to
to
1.3 GHz
2.2 GHz
1.3 GHz
2.2 GHz
1.3 GHz
2.2 GHz
1.3 GHz
2.2 GHz
System noise floor1 (dBm)
8712ET/8714ET
–97
–95
–106
–103
–82
–79
–42
–39
8712ES/8714ES
–88
–86
–100
–97
–75
–72
–42
–39
System dynamic range2 (dB)
8712ET, no attenuator
101
97
112
108
87
83
49
45
8712ET, with attenuator
100
96
111
107
86
82
48
44
8712ES
89
85
103
99
78
74
45
41
8714ET, no attenuator
99
95
109
105
84
80
46
42
8714ET, with attenuator
97
93
108
104
83
79
45
41
8714ES
86
82
100
96
81
77
42
38
1. Noise floor is defined as the rms value of the trace (in linear format) for a transmission measurement in CW mode, using the “Fine” bandwidth (15 Hz), the test ports
terminated in loads, 0 dBm at the test set source port, and no averaging. This measurement ignores the effects of crosstalk. This is a system specification–the test set
increases the network analyzer noise floor by adding loss to the network analyzer measurement.
2. The system dynamic range is calculated as the difference between the receiver minimum input (noise floor plus calibrated crosstalk) and the system’s maximum output
power. System dynamic range applies to transmission measurements only, since reflection measurements are limited by directivity.
System performance
General


Similar Part No. - 87050E-008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
870502 MOLEX11-870502 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
870504 MOLEX11-870504 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
More results

Similar Description - 87050E-008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
E5071C HP-E5071C Datasheet
3Mb / 65P
   Configurable Multiport Test Set
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
List of Unclassifed Man...
24-785 ETC2-24-785 Datasheet
28Kb / 1P
   TEST CONDITION:CONDUCTOR IMPEDANCE:10 OHM
logo
Littelfuse
P0084UCMCL LITTELFUSE-P0084UCMCL Datasheet
168Kb / 3P
   Multiport MicroCapacitance
logo
ERNI Electronics
354773 ERNI-354773 Datasheet
44Kb / 1P
   MESSERKONTAKT 50 OHM
logo
ADL Embedded Solutions
MSM8C104EX ADL-MSM8C104EX Datasheet
218Kb / 1P
   Multiport COM Board
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com